Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FOACAMPDR46 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FOACAMPDR46
Description  Fiber Optic Sensor Cable - 1M, Diffuse reflection, D=1.5, straight, R10
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

FOACAMPDR46 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FOACAMPDR46 Datasheet HTML 1Page - Infinite Electronics International, Inc. FOACAMPDR46 Datasheet HTML 2Page - Infinite Electronics International, Inc. FOACAMPDR46 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA & Canada
+1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
FOACAMPDR46 REV 1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
Fiber Optic Sensor Cable - 1M, Diffuse reflection, D=1.5, straight, R10
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
Fiber Optic Sensor Cable - 1M, Diffuse reflection, D=1.5, straight, R10 FOACAMPDR46
Features
• Durable stainless steel head
• Flexible jacket
• Standard 2.2mm diameter ferrules
• Stable performance
Applications
• Industrial automation
• Discrete manufacturing
• High volume production
• Automotive manufacturing
• Stamping and plastic injection molding
• Packaging
• Food and Beverage
• Warehouse automation
Description
The L-com FOACAMPDR46 is a diffuse reflection type fiber optic sensor cable. A stainless steel head and flexible PVC jacket makes the
cable well suited for demaning industrial environments. The 2.2mm fiber ends make them compatible with industry standard amplifier
ports, making interchanging quick and easy. Used in conjunction with L-com fiber optic sensor amplifiers, the resulting optical sensor is
well suited for use in manufacturing and other industrial applications where fast, accurate sensing is critical.
General Specifications
Design Type
Diffuse Reflection - Parallel Core
Cable Type
POF
Jacket Type
PVC Black
Nominal Sensing Distance
20 mm
Cable Length
1 m
Cable Head Orientation
Straight
Cable Head Size
1.5mm non threaded
Cable Head Material
Stainless Steel
Bend Radius
10 mm
Compatible Products
Fiber Optic Sensor Amplifiers
Environmental Specifications
Temperature
Operating Range
-25 to +70 deg C
Storage Range
-30 to +85 deg C
Compliance Certifications (see for current document)
CE Compliance
Yes
RoHS Compliance
Yes
FOACAMPDR46
Fiber Optic Sensor Cable


Similar Part No. - FOACAMPDR46

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FOACAMPDR62 L-COM-FOACAMPDR62 Datasheet
436Kb / 3P
Fiber Optic Sensor Cable - 2M, Diffuse reflection, M6, straight, R25
More results

Similar Description - FOACAMPDR46

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT180020 ETC-UT180020 Datasheet
177Kb / 4P
Diffuse reflection sensor (analogue/digital)
EF1801NPAS ETC2-EF1801NPAS Datasheet
139Kb / 3P
Photoelectrics Fiber Optic Sensor
logo
OPTEK Technologies
OPI1290 OPTEK-OPI1290 Datasheet
151Kb / 2P
Fiber Optic Isolator-Photologic Sensor
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
Fiber-Optic Photoelectric Sensor
logo
Tripp Lite. All Rights ...
N42201M TRIPPLITE-N42201M Datasheet
494Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (ST-LC),1M (3-ft.)
N42401M TRIPPLITE-N42401M Datasheet
479Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC-LC), 1M (3-ft.)
N422-01M TRIPPLITE-N422-01M Datasheet
168Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (ST/LC), 1M (3-ft.)
N424-01M TRIPPLITE-N424-01M Datasheet
161Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC/LC), 1M (3-ft.)
logo
Pepperl+Fuchs Inc.
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
Fiber optic sensor for glass fiber optics
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
Fiber optic sensor for glass fiber optics
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com