Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76807 Datasheet(PDF) 33 Page - Wiha Tools

Part # 76807
Description  PROFESSIONAL QUALITY BITS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

76807 Datasheet(HTML) 33 Page - Wiha Tools

Back Button 76807 Datasheet HTML 29Page - Wiha Tools 76807 Datasheet HTML 30Page - Wiha Tools 76807 Datasheet HTML 31Page - Wiha Tools 76807 Datasheet HTML 32Page - Wiha Tools 76807 Datasheet HTML 33Page - Wiha Tools 76807 Datasheet HTML 34Page - Wiha Tools 76807 Datasheet HTML 35Page - Wiha Tools 76807 Datasheet HTML 36Page - Wiha Tools 76807 Datasheet HTML 37Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
33
26inOne!
Cushion Grip Ultra Driver 26inOne
Wiha cushion grip handle & CVM tool steel
shaft. Locking bit holder.
Includes the following 1/4” double end bits:
Slotted: 3.0+4.5, 5.5+6.5mm
Phillips: #1+2, #0+3
lbs.
Pozidriv®: #1+2
.45
Square: #1+2, #0+3
: T10+T15, T20+T25
Hex Inch: 1/8+9/64, 5/32+3/16”
Hex Metric: 3.0+4.0, 5.0+6.0mm
77790
Cushion Grip Ultra Driver 26inOne
Wiha cushion grip handle & CVM tool steel
shaft. Locking bit holder.
Includes the following 1/4” double end bits:
Slotted: 3.0+4.5, 4.0+6.0, 5.5+6.5mm
Phillips: #1+2, #0+3
lbs.
Pozidriv®: #1+2
.45
Square: #1+2, #0+3
: T6+T7, T8+T9, T10+T15,
T20+T25, T27+T30
77791
Cushion Grip Ultra Driver 26inOne
Wiha cushion grip handle & CVM tool steel
shaft. Locking bit holder.
Includes the following 1/4” double end bits:
Slotted: 4.0+6.0mm
Phillips: #1+2
lbs.
: T8+T9, T10+T15,
.45
T20+T25, T27+T30
Hex Inch: 3/32+7/64, 1/8+9/64,
5/32+3/16, 7/32+1/4”
Hex Metric: 2.0+2.5, 3.0+4.0, 5.0+6.0mm
77792
13 Pc. Double End Insert Bit Reload
For the 26inOne (For #77790)
Includes the following 1/4” double end bits:
Slotted: 3.0+4.5, 5.5+6.5mm
Phillips: #1+2, #0+3
lbs.
Pozidriv®: #1+2
.14
Square: #1+2, #0+3
: T10+T15, T20+T25
Hex Inch: 1/8+9/64, 5/32+3/16”
Hex Metric: 3.0+4.0, 5.0+6.0mm
77780
13 Pc. Double End Insert Bit Reload
For the 26inOne (For #77791)
Includes the following 1/4” double end bits:
Slotted: 3.0+4.5, 4.0+6.0, 5.5+6.5mm
Phillips: #1+2, #0+3
lbs.
Pozidriv®: #1+2
.14
Square: #1+2, #0+3
: T6+T7, T8+T9, T10+T15,
T20+T25, T27+T30
77781
13 Pc. Double End Insert Bit Reload
For the 26inOne (For #77792)
Includes the following 1/4” double end bits:
Slotted: 4.0+6.0mm
Phillips: #1+2
lbs.
: T8+T9, T10+T15,
.14
T20+T25, T27+T30
Hex Inch: 3/32+7/64, 1/8+9/64,
5/32+3/16, 7/32+1/4”
Hex Metric: 2.0+2.5, 3.0+4.0, 5.0+6.0mm
77782
Includes:
13 double end bits
Locking bit holder
Pop-up bit access
Rugged Industrial Design
Cushion grip handle
Professional quality
Made in Germany
Twenty-Six
Screwdrivers
in One
Ultra Lite!
Ultra Compact!
Ultra Fast Access!
Ultra Quality!
“Grab & Go Tool Box”
Tradesman
Technician’s
Industrial
Tradesman Bit Reload
Technician’s Bit Reload
Industrial Bit Reload
Fits 26inOne
Ultra Driver
Valve Stem Double End Tool,
2 Pack CVM steel, hardened.
Item
No.
mm
Inch
lbs.
77740
30
1.18
.02
77740
1/4” Socket Adapter 1/4” Hex to 1/4”
Square Drive. CVM steel, hardened.
Item
No.
mm
Inch
lbs.
77741
30
1.18
.01
77741
Fits 26inOne
Ultra Driver
Ultra Driver Accessories
www.wihatools.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com