Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36947 Datasheet(PDF) 12 Page - Wiha Tools

Part # 36947
Description  Professional HEX Tools
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

36947 Datasheet(HTML) 12 Page - Wiha Tools

Back Button 36947 Datasheet HTML 8Page - Wiha Tools 36947 Datasheet HTML 9Page - Wiha Tools 36947 Datasheet HTML 10Page - Wiha Tools 36947 Datasheet HTML 11Page - Wiha Tools 36947 Datasheet HTML 12Page - Wiha Tools 36947 Datasheet HTML 13Page - Wiha Tools 36947 Datasheet HTML 14Page - Wiha Tools 36947 Datasheet HTML 15Page - Wiha Tools 36947 Datasheet HTML 16Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
12
For angle
entry
Soft Grip Dual Drive T-handle - Black Finish
334
Soft Grip Ball End Hex Metric Dual Drive T-handle Chrome-V-
Moly, hardened, black finish. Ball tip for speed & easy insertion. Wiha
soft grip are molded on with through the handle side torque drive.
Item
No.
mm
mm
lbs.
pkg.
33442*
2.0
150
.06
10
33444*
2.5
150
.06
10
33446*
3.0
150
.07
10
33448
4.0
150
.09
10
33450
5.0
150
.18
10
33452
6.0
150
.21
10
33454
8.0
200
.35
10
33458
10.0
200
.55
10
*No Ball - Standard Hex
8 Pc. Ball End Hex Metric Soft Grip T-handle Set
Blade Chrome-V-Moly, hardened, black finish. Wiha soft grip are
molded on with through the handle side torque drive.
Item
No.
mm
mm
mm
mm
lbs.
33496
33442*
2.0
150
33450
5.0
150
2.04
33444*
2.5
150
33452
6.0
150
33446*
3.0
150
33454
8.0
200
33448
4.0
150
33458
10.0
200
*No Ball - Standard Hex
33496
334 Soft Grip Ball End Hex Inch Dual Drive T-handle Chrome-V-
Moly, hardened, black finish. Ball tip for speed & easy insertion. Wiha
soft grips are molded on with through the handle side torque drive.
Item
No.
Inch
Inch
lbs.
pkg.
33418*
5/64
5.9
.06
10
33420*
3/32
5.9
.06
10
33422*
7/64
5.9
.07
10
33424*
1/8
5.9
.08
10
33426*
9/64
5.9
.08
10
33428
5/32
5.9
.09
10
33430
3/16
5.9
.17
10
33432
7/32
5.9
.20
10
33433
1/4
5.9
.23
10
33439
5/16
7.9
.35
10
33440
3/8
7.9
.51
10
*No Ball - Standard Hex
For angle
entry
11 Pc. Ball End Hex Inch Soft Grip Dual Drive T-handle Set
Item
No.
Inch Inch
Inch
Inch
lbs.
33494
33418*
5/64 5.9
33430
3/16
5.9
2.39
33420*
3/32 5.9
33432
7/32
5.9
33422*
7/64 5.9
33433
1/4
5.9
33424*
1/8
5.9
33439
5/16
7.9
33426*
9/64 5.9
33440
3/8
7.9
33428
5/32 5.9
*No Ball - Standard Hex
33494
8 Piece Ball End Hex Inch Soft Grip T-handle Set
Item
No.
Inch Inch
Inch
Inch
lbs.
33498
33424*
1/8
5.9
33432
7/32
5.9
2.15
33426*
9/64 5.9
33433
1/4
5.9
33428
5/32 5.9
33439
5/16
7.9
33430
3/16 5.9
33440
3/8
7.9
*No Ball - Standard Hex
33498
Item
No.
mm
mm
lbs.
33489
33442*
2.0
150
3.33
33444*
2.5
150
33446*
3.0
150
33448
4.0
150
33450
5.0
150
33452
6.0
150
33454
8.0
200
33458
10.0 200
*No Ball - Standard Hex
33489
Black Finish
Black Finish
8 Piece Hex & Ball End Hex Metric Soft Grip T-handle Set
Blade Chrome-V-Moly, hardened, black finish. Wiha soft grips are
molded on with through the handle side torque drive.
Item
No.
Inch
Inch
lbs.
33499
33424* 1/8
5.9
3.46
33426* 9/64
5.9
33428
5/32
5.9
33430
3/16
5.9
33432
7/32
5.9
33433
1/4
5.9
33439
5/16
7.9
33440
3/8
7.9
*No Ball - Standard Hex
33499
8 Piece Hex & Ball End Hex Inch Soft Grip T-handle Set
Blade Chrome-V-Moly, hardened, black finish. Wiha soft grips are
molded on with through the handle side torque drive.
In metal
stand
In metal
stand
Toll Free: (800) 494-6104
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com