Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

082-0002F4 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 082-0002F4
Description  ESD Conductive Matting
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

082-0002F4 Datasheet(HTML) 1 Page - Multicomp Pro

  082-0002F4 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
08/08/22
ESD Conductive Matting
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Features
•  Excellent heat / chemical resistance
•  Colour: Black
•  Material: 2mm thick conductive rubber
Item
Unit
Value:
Test Method
Tensile strength
Width
kg/X
105
KS 6518-91
Length
-
114
-
Elongation
Width
%
380
-
Length
-
370
-
Hardness
Length
HS
64
-
Tear Strength (B)
Width
kg/X
31
-
Length
-
37
-
Temp. Resistance
-
°C
Max 130
-
Surface Resistivity (RTT)
Black
Ω/sqm
10E3 - 10E6
ASTM D257
Static Decay (5,000 - 500V)
-
Second
<0.01
FTS 101C
Economy Matting Specification
Part Number Table
Description
Mat Size
Part Number
ESD Conductive Matting  
Smooth
700mm×3000mm 082-0002F4
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - 082-0002F4

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
082-0002F MULTICOMP-082-0002F Datasheet
158Kb / 1P
ESD Conductive Matting
08/08/22
082-0002F2 MULTICOMP-082-0002F2 Datasheet
158Kb / 1P
ESD Conductive Matting
08/08/22
082-0002F3 MULTICOMP-082-0002F3 Datasheet
158Kb / 1P
ESD Conductive Matting
08/08/22
082-0002F5 MULTICOMP-082-0002F5 Datasheet
159Kb / 1P
ESD Conductive Matting
08/08/22
More results

Similar Description - 082-0002F4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCP12AC ETC1-FCP12AC Datasheet
149Kb / 2P
Conductive Plastic
FFP12A ETC2-FFP12A Datasheet
21Kb / 1P
Conductive Plastic
logo
Bi technologies
P090L BITECH-P090L_12 Datasheet
70Kb / 3P
Conductive Plastic Element
logo
List of Unclassifed Man...
27305 ETC2-27305 Datasheet
152Kb / 2P
Precision ESD Safe Conductive Drivers
logo
Grayhill, Inc
96AB2-102-FS-EL GRAYHILL-96AB2-102-FS-EL Datasheet
201Kb / 4P
Conductive Rubber
logo
List of Unclassifed Man...
LTE-90 ETC2-LTE-90 Datasheet
513Kb / 1P
Techsil Conductive Elastomer
logo
Laird Tech Smart Techno...
NCE250 LSTD-NCE250 Datasheet
398Kb / 1P
Non-conductive
logo
Anaren Microwave
PD6080J5050S2HF ANAREN-PD6080J5050S2HF Datasheet
368Kb / 5P
Non-conductive Surface
logo
3M Electronics
3200 3M-3200 Datasheet
22Kb / 4P
Safety-Walk™ Wet Area Matting 3200
2001
logo
Grayhill, Inc
96 GRAYHILL-96 Datasheet
691Kb / 4P
Conductive Rubber
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com