Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2010 Datasheet(PDF) 21 Page - Microchip Technology

Part # DSPIC30F2010
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  204 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2010 Datasheet(HTML) 21 Page - Microchip Technology

Back Button DSPIC30F2010_08 Datasheet HTML 17Page - Microchip Technology DSPIC30F2010_08 Datasheet HTML 18Page - Microchip Technology DSPIC30F2010_08 Datasheet HTML 19Page - Microchip Technology DSPIC30F2010_08 Datasheet HTML 20Page - Microchip Technology DSPIC30F2010_08 Datasheet HTML 21Page - Microchip Technology DSPIC30F2010_08 Datasheet HTML 22Page - Microchip Technology DSPIC30F2010_08 Datasheet HTML 23Page - Microchip Technology DSPIC30F2010_08 Datasheet HTML 24Page - Microchip Technology DSPIC30F2010_08 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 204 page
background image
© 2008 Microchip Technology Inc.
DS70118H-page 21
dsPIC30F2010
3.0
MEMORY ORGANIZATION
3.1
Program Address Space
The program address space is 4M instruction words.
It is addressable by a 24-bit value from either the 23-bit
PC, table instruction Effective Address (EA), or data
space EA, when program space is mapped into data
space, as defined by Table 3-1. Note that the program
space address is incremented by two between
successive program words, in order to provide
compatibility with data space addressing.
User program space access is restricted to the lower
4M instruction word address range (0x000000 to
0x7FFFFE), for all accesses other than TBLRD/TBLWT,
which
use
TBLPAG<7>
to
determine
user
or
configuration space access. In Table 3-1, Read/Write
instructions, bit 23 allows access to the Device ID, the
User ID and the Configuration bits. Otherwise, bit 23 is
always clear.
FIGURE 3-1:
PROGRAM SPACE MEMORY
MAP FOR dsPIC30F2010
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals,
register
descriptions
and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046). For more information on the
device instruction set and programming,
refer to the “dsPIC30F/33F Programmer’s
Reference Manual” (DS70157).
Note:
The address map shown in Figure 3-1 is
conceptual,
and
the
actual
memory
configuration may vary across individual
devices depending on available memory.
Reset - Target Address
000000
7FFFFE
00007E
Ext. Osc. Fail Trap
000002
000080
User Flash
Program Memory
002000
001FFE
Data EEPROM
Address Error Trap
Stack Error Trap
Arithmetic Warn. Trap
Reserved
Reserved
Reserved
Vector 0
Vector 1
Vector 52
Vector 53
(4K instructions)
(1 Kbyte)
Reserved
7FFC00
7FFBFE
(Read 0’s)
0000FE
000100
000014
Alternate Vector Table
Reset - GOTO Instruction
000004
Reserved
Device Configuration
800000
F80000
Registers
F8000E
F80010
DEVID (2)
FEFFFE
FF0000
FFFFFE
Reserved
F7FFFE
8005FE
800600
UNITID (32 instr.)
8005BE
8005C0
Reserved
Reserved
Vector Tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com