Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2720D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L2720D
Description  LOW DROP DUAL POWER OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2720D Datasheet(HTML) 1 Page - STMicroelectronics

  L2720D Datasheet HTML 1Page - STMicroelectronics L2720D Datasheet HTML 2Page - STMicroelectronics L2720D Datasheet HTML 3Page - STMicroelectronics L2720D Datasheet HTML 4Page - STMicroelectronics L2720D Datasheet HTML 5Page - STMicroelectronics L2720D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
L2720D
September 2002
s
OUTPUT CURRENT TO 1 A
s
OPERATES AT LOW VOLTAGES
s
SINGLE OR SPLIT SUPPLY
s
LARGE COMMON-MODE AND
DIFFERENTIAL MODE RANGE
s
LOW INPUT OFFSET VOLTAGE
s
GROUND COMPATIBLE INPUTS
s
LOW SATURATION VOLTAGE
s
THERMAL SHUTDOWN
s
CLAMP DIODE
DESCRIPTION
The L2720D is a monolithic integrated circuits in SO-
16 package, intended for use as power operational
amplifiers in a wide range of applications including
servo amplifiers and power supplies.
It is particularly indicated for driving, inductive loads,
as motor and finds applications in compact-disc VCR
automotive, etc.
The high gain and high output power capability pro-
vide superior performance whatever an operational
amplifier/power booster combination is required.
SO-16 (narrow)
ORDERING NUMBER: L2720D
LOW DROP DUAL POWER OPERATIONAL AMPLIFIER
BLOCK DIAGRAM


Similar Part No. - L2720D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L2720 STMICROELECTRONICS-L2720 Datasheet
113Kb / 10P
LOWDROP DUAL POWER OPERATIONAL AMPLIFIERS
Nov-1996
L2720 STMICROELECTRONICS-L2720 Datasheet
936Kb / 10P
LOW DROP DUAL POWER OPERATIONAL AMPLIFIERS
Jul-2003
L2720W STMICROELECTRONICS-L2720W Datasheet
217Kb / 12P
Low drop dual power operational amplifiers
03-Sep-2010
L2720W13TR STMICROELECTRONICS-L2720W13TR Datasheet
217Kb / 12P
Low drop dual power operational amplifiers
03-Sep-2010
L2720 STMICROELECTRONICS-L2720_03 Datasheet
936Kb / 10P
LOW DROP DUAL POWER OPERATIONAL AMPLIFIERS
Jul-2003
More results

Similar Description - L2720D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L2750 STMICROELECTRONICS-L2750 Datasheet
233Kb / 10P
DUAL LOW DROP HIGH POWER OPERATIONAL AMPLIFIER
Oct-1991
logo
System Logic Semiconduc...
SL358 SLS-SL358 Datasheet
51Kb / 4P
Low Power Dual Operational Amplifier
logo
Integral Corp.
IL2904 INTEGRAL-IL2904 Datasheet
325Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
LM2904 STMICROELECTRONICS-LM2904_08 Datasheet
387Kb / 22P
Low power dual operational amplifier
08-Apr-2008
logo
KODENSHI_AUK CORP.
KK358 KODENSHI-KK358 Datasheet
360Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
L2720 STMICROELECTRONICS-L2720_03 Datasheet
936Kb / 10P
LOW DROP DUAL POWER OPERATIONAL AMPLIFIERS
Jul-2003
logo
IK Semicon Co., Ltd
IL2904 IKSEMICON-IL2904_11 Datasheet
373Kb / 6P
Low Power Dual Operational Amplifier
logo
STMicroelectronics
L2720W STMICROELECTRONICS-L2720W Datasheet
217Kb / 12P
Low drop dual power operational amplifiers
03-Sep-2010
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
Low-power, dual operational amplifier
November 2015 Rev 2
logo
Shenzhen Huazhimei Semi...
LM358 HMSEMI-LM358 Datasheet
796Kb / 5P
Low power dual operational amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com