Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3902. Datasheet(PDF) 1 Page - Multicomp Pro

Part # 2N3902.
Description  Bipolar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N3902. Datasheet(HTML) 1 Page - Multicomp Pro

  2N3902. Datasheet HTML 1Page - Multicomp Pro 2N3902. Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
16/09/19
Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Maximum Ratings:
Characteristic
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEX
700
V
Collector-Emitter Voltage
VCEO(sus)
400
Emitter Base Voltage
VEB
5
Collector Current -Continuous
IC
3.5
A
Peak Base Current
IB
2
Total Device Dissipation -(TC = +75°C),
Derate Above 95°C
PD
100
1.33
W
W/°C
Operating Junction Temperature Range
TJ
-65 to +150
°C
Storage Temperature Range,
Tstg
-65 to +200
Thermal Resistance, Junction-to-Case
RthJC
0.75
°C/W
Maximum Lead temperature
(During Soldering, 1/8" from case, 5sec)
TL
+275
°C
Description:
The 2N3902 is a silicon NPN transistor in a TO-3
type Package designed for use in high voltage
inverters, converters, switching regulators and
line Operated amplifiers.
Electrical Characteristics: (T
C = +25°C Unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Max
Unit
OFF Characteristics (Note 2)
Collector-Emitter Sustaining Voltage
VCEO(SUS)
lC = 100mA, IB = 0
325
-
V
Collector Cutoff Current
ICEO
VCE= 400V, VBE = 0
-
0.25
mA
Emitter-Base Voltage
IEBO
IE = 100mA. lC= 5V
5
ON Characteristics (Note 2)
DC Current Gain
hFE
VCE = 5V, lC = 1A
30
90
Collector-Emitter Saturation Voltage
VCE(sat)
lC = 2.5A, lB = 0.5A
-
2.5
V
Base-Emitter Saturation Voltage
VBE(sat)
2
Dynamic Characteristics
Current Gain-Bandwidth Product
fT
VCE = 10V, lC = 200mA, f = 1MHz
2.8
-
MHz
Note:
1. Pulse Test : Pulse Width = 5ms, Duty Cycle 10%
2. Pulse Test : Pulse Width = 300µs, Duty Cycle 2%
≤
≤
NPN


Similar Part No. - 2N3902.

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3902 BOCA-2N3902 Datasheet
158Kb / 4P
HIGH VOLTAGE NPN SILICON TRANSISTORS
logo
Seme LAB
2N3902 SEME-LAB-2N3902 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO3
logo
New Jersey Semi-Conduct...
2N3902 NJSEMI-2N3902 Datasheet
79Kb / 1P
SI NPN POWER BJT, I(C) = 2.5A TO 4.9A
logo
Microsemi Corporation
2N3902 MICROSEMI-2N3902 Datasheet
60Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N3902 NJSEMI-2N3902 Datasheet
95Kb / 2P
NPN HIGH POWER SILICON TRANSISTOR
More results

Similar Description - 2N3902.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
Bipolar Transistor
May, 2013
EN2007C ONSEMI-EN2007C Datasheet
354Kb / 7P
Bipolar Transistor
August, 2013
EN2511B ONSEMI-EN2511B Datasheet
385Kb / 9P
Bipolar Transistor
September, 2013
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
Bipolar Transistor
September, 2013
EN6912D ONSEMI-EN6912D Datasheet
424Kb / 10P
Bipolar Transistor
September, 2013
EN6913B ONSEMI-EN6913B Datasheet
436Kb / 10P
Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
Bipolar Transistor
September, 2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com