Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

76-024 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 76-024
Description  4mm Male Banana Plug to Plug Right-Angle
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

76-024 Datasheet(HTML) 1 Page - Multicomp Pro

  76-024 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
18/03/24
4mm Male Banana Plug to Plug
Right-Angle
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Length
Colour
Part Number
Right-Angle 4mm Male Banana Plug to Right-Angle
4mm Male Banana Plug Lead
1m
Red
76-022
1.5m
Red
76-024
Black
76-025
Applications
To connect to devices with 4mm banana sockets on the front face. General purpose
electric testing, controlling and measuring.
Characteristics
Electrical Safety
: According to EN / IEC 61010-031:2008 : 1000V CAT II / 1000V CAT III / 600 V CAT IV,
reinforced insulation, 12A (at +40°C).
These specifications come from the creepage distances, clearances, accessible parts, and solid
insulation of the lead. And the considered specifications of the environment are:
Pollution degree, 1 or 2; Relative humidity, 80% maximum for temperatures up to 31°C
decreasing linearly to 50% relative humidity at +40°C
Temperature range, +5°C to +40°C, Indoor use ; Altitude, 2000 m maximum.
According to EN / IEC 60529 : IP2X (touchproof).
Operating Temperature
: -20°C to +80°C
Materials
: Conductors: Nickel-coated brass and red annealed copper.
Wire jackets: PVC or silicone. Insulators and lantern contact spring
Colour
: Red and Black
Overall Length
: 1 meter (100cm) & 1.5 meter (150cm)
Diagram


Similar Part No. - 76-024

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
76-020 MULTICOMP-76-020 Datasheet
208Kb / 1P
Straight 4mm Male Banana Plug to Right-Angle 4mm Male Banana Plug Lead
18/03/24
76-021 MULTICOMP-76-021 Datasheet
208Kb / 1P
Straight 4mm Male Banana Plug to Right-Angle 4mm Male Banana Plug Lead
18/03/24
76-026 MULTICOMP-76-026 Datasheet
284Kb / 1P
Banana Test Leads
05/03/24
76-027 MULTICOMP-76-027 Datasheet
284Kb / 1P
Banana Test Leads
05/03/24
More results

Similar Description - 76-024

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5934 POMONA-5934 Datasheet
54Kb / 1P
4MM Banana Plug
6244 POMONA-6244 Datasheet
71Kb / 1P
Test Clip to Right Angle Sheathed Banana Plug
72914 POMONA-72914 Datasheet
119Kb / 1P
4mm Safety Banana Jack to 2mm Banana Plug Adapter
72917 POMONA-72917 Datasheet
70Kb / 1P
4mm Banana Plug to 2mm Sheathed Banana Jack Adapter
logo
Pasternack Enterprises,...
PE9009 PASTERNACK-PE9009 Datasheet
83Kb / 1P
BNC MALE TO DOUBLE BANANA PLUG
logo
List of Unclassifed Man...
BU-2243-D-48-0 ETC2-BU-2243-D-48-0 Datasheet
63Kb / 1P
Shrouded Right Angle Banana Plug
BU-6162-M-24-0 ETC2-BU-6162-M-24-0 Datasheet
65Kb / 1P
Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
BU-6162-M-72-0 ETC2-BU-6162-M-72-0 Datasheet
65Kb / 1P
Right Angle Shrouded Banana Plug to Shrouded Banana Plug -Silicone
BU-26103-0 ETC2-BU-26103-0 Datasheet
210Kb / 1P
Test Probe with 4mm Banana Plug
BU-32603-0 ETC2-BU-32603-0 Datasheet
50Kb / 1P
Cable Mountable 4mm Shrouded Banana Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com