Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2918713 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 2918713
Description  IEC Type T PTFE Insulated Twin Twisted Pair Thermocouple Cable / Wire
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2918713 Datasheet(HTML) 1 Page - Labfacility Ltd

  2918713 Datasheet HTML 1Page - Labfacility Ltd 2918713 Datasheet HTML 2Page - Labfacility Ltd 2918713 Datasheet HTML 3Page - Labfacility Ltd 2918713 Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
IEC Type T PTFE Insulated Twin Twisted Pair
Thermocouple Cable / Wire
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.


Similar Part No. - 2918713

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
2918711 LABFACILITY-2918711 Datasheet
718Kb / 4P
IEC Type K PTFE Insulated Flat Pair Thermocouple Cable / Wire
Nov-23
2918715 LABFACILITY-2918715 Datasheet
718Kb / 4P
IEC Type K PTFE Insulated Flat Pair Thermocouple Cable / Wire
Nov-23
2918716 LABFACILITY-2918716 Datasheet
727Kb / 4P
IEC Type T PTFE Insulated Flat Pair Thermocouple Cable / Wire
Nov-23
2918717 LABFACILITY-2918717 Datasheet
727Kb / 4P
IEC Type T PTFE Insulated Flat Pair Thermocouple Cable / Wire
Nov-23
2918718 LABFACILITY-2918718 Datasheet
727Kb / 4P
IEC Type T PTFE Insulated Flat Pair Thermocouple Cable / Wire
Nov-23
More results

Similar Description - 2918713

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
550MHz Differential Twisted-Pair Driver
May 10, 2007
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
450MHz Differential Twisted-Pair Drivers
February 4, 2008
logo
PCA ELECTRONICS INC.
EPA1458-1 PCA-EPA1458-1 Datasheet
41Kb / 1P
Twisted Pair Coupling Transformers For 10Base-T
logo
Cooper Bussmann, Inc.
3434 COOPER-3434 Datasheet
535Kb / 3P
INSULATED TWIN CLIPS
logo
List of Unclassifed Man...
11322 ETC2-11322 Datasheet
377Kb / 1P
KEYSTONE PTFE Insulated Terminals & Pins
SPC19838 ETC2-SPC19838 Datasheet
88Kb / 1P
Cat5 Cable, Unshielded Twisted Pair, TIA/EIA 568A
74002NH ETC2-74002NH Datasheet
148Kb / 3P
2 twisted insulated conductors
logo
Keystone Electronics Co...
11114 KEYSTONE-11114 Datasheet
235Kb / 1P
PTFE FORK INSULATED TERMINAL
11.12.07
8843 KEYSTONE-8843 Datasheet
96Kb / 1P
PTFE FORK INSULATED TERMINAL
3.31.99
logo
Schneider Electric
STBXCA4002 SCHNEIDER-STBXCA4002 Datasheet
118Kb / 2P
Modicon STB - RS232C shielded twisted pair cable
Apr 12, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com