Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100748 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 4100748
Description  PTFE insulated thermocouple wire with welded junction and fitted miniature plug
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4100748 Datasheet(HTML) 1 Page - Labfacility Ltd

  4100748 Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
^ƉĞĐŝĮ ĐĂƟŽŶƐ
Sensor type
dŚĞƌŵŽĐŽƵƉůĞƚLJƉĞ:͕ <ŽƌdƚŽ/ϲϬϱϴϰ͘ džƉŽƐĞĚ͕ t ĞůĚĞĚũƵŶĐƟŽŶ͘
dŝƉƚĞŵƉĞƌĂƚƵƌĞZĂƟŶŐ -ϳ ϱΣƚŽϮϱϬΣ;ůŝŵŝƚĞĚďLJWd&ŝŶƐƵůĂƟŽŶƉƌŽƉĞƌƟĞƐͿ
Wire type
Twin, twist pair, PTFE insulated over 1/0.2mm conductors, 1 metre
dĞƌŵŝŶĂƟŽŶ
Colour coded miniature plug
Thermocouple Type
Labfacility Code
Farnell Code
Type J x 1m
XF-320-FAR
4100736
Type K x 1m
XF-321-FAR
4100748
Type T x 1m
XF-322-FAR
4100750
PTFE insulated thermocouple wire with
ǁ ĞůĚĞĚũƵŶĐƟŽŶĂŶĚĮ Ʃ ĞĚŵŝŶŝĂƚƵƌĞƉůƵŐ
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
119/0414 -PTFE insulated thermocouple wire


Similar Part No. - 4100748

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
4100748 LABFACILITY-4100748 Datasheet
7Mb / 10P
Pt100 Probe, PTFE Lead
More results

Similar Description - 4100748

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTK001 LINER-LTK001 Datasheet
286Kb / 4P
Thermocouple Cold Junction Compensator and Matched Amplifier
logo
Vishay Siliconix
XTUM1 VISHAY-XTUM1 Datasheet
91Kb / 3P
Resistance Welded Miniature Crystal Units
18-Oct-07
logo
Linear Technology
LTK001 LINER-LTK001_09 Datasheet
105Kb / 8P
Thermocouple Cold Junction Compensator and Matched Amplifier
logo
Analog Devices
AD8494 AD-AD8494 Datasheet
2Mb / 15P
Thermocouple Amplifiers With Cold Junction Compensation
Rev. PrA
logo
List of Unclassifed Man...
11322 ETC2-11322 Datasheet
377Kb / 1P
KEYSTONE PTFE Insulated Terminals & Pins
logo
Analog Devices
AD594 AD-AD594_15 Datasheet
140Kb / 8P
Monolithic Thermocouple Amplifiers with Cold Junction Compensation
REV. C
logo
Linear Technology
LTK001 LINER-LTK001_15 Datasheet
110Kb / 8P
Thermocouple Cold Junction Compensator and Matched Amplifier
logo
Analog Devices
AD8494 AD-AD8494_18 Datasheet
508Kb / 16P
Precision Thermocouple Amplifiers with Cold Junction Compensation
4/2018-Rev. C to Rev. D
logo
Keystone Electronics Co...
11114 KEYSTONE-11114 Datasheet
235Kb / 1P
PTFE FORK INSULATED TERMINAL
11.12.07
8843 KEYSTONE-8843 Datasheet
96Kb / 1P
PTFE FORK INSULATED TERMINAL
3.31.99
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com