Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7085953 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 7085953
Description  IEC Type T Glassfibre Insulated Flat Pair thermocouple Cable / Wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

7085953 Datasheet(HTML) 2 Page - Labfacility Ltd

  7085953 Datasheet HTML 1Page - Labfacility Ltd 7085953 Datasheet HTML 2Page - Labfacility Ltd 7085953 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC Cable - 28
Nov-23
Specifications
General Description
Good temperature range but will not prevent ingress of
fluids. Fairly flexible but does not provide good
mechanical protection.
Cable Length
10m, 25m, 50m, 100m
Cable Type
Flat pair cable
Core / Strands
1/0.315mm
Conductor Cross Section 1/0.315
(mm2)
0.078
Outer Colour
Brown & White
+ Colour
Brown
- Colour
White
Drain Wire
No
Insulation Material
Glassfibre insulated
Loop Resistance 1/0.315 (Ohms
per combined metre)
6.5
Max. Temperature
+350°C (short periods up to 400°C)
Min. Temperature
-60°C
+ Conductor
Copper
- Conductor
Constantan
Screen
No
Standards Met
Colour code (cores & jacket) to IEC-584-3
Thermocouple Type
T
Tolerance
Class 2
Ordering Information
Type Colour
Code
Cable Style
Strand Size
Length
Manufacturers
Code
Farnell
Order
Code
T
IEC
GLASSFIBRE FLAT PAIR
1/0.315mm
10m (32.8ft)
WT-356-D
7085953
T
IEC
GLASSFIBRE FLAT PAIR
1/0.315mm
25m (82ft)
WT-356-D
4073340
T
IEC
GLASSFIBRE FLAT PAIR
1/0.315mm
50m (164.1ft)
WT-356-D
4073350
T
IEC
GLASSFIBRE FLAT PAIR
1/0.315mm
100m (328.1ft)
WT-356-D
4073504



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com