Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100670 Datasheet(PDF) 7 Page - Labfacility Ltd

Part # 4100670
Description  Pt100 Probe, PTFE Lead
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4100670 Datasheet(HTML) 7 Page - Labfacility Ltd

Back Button 4100670 Datasheet HTML 2Page - Labfacility Ltd 4100670 Datasheet HTML 3Page - Labfacility Ltd 4100670 Datasheet HTML 4Page - Labfacility Ltd 4100670 Datasheet HTML 5Page - Labfacility Ltd 4100670 Datasheet HTML 6Page - Labfacility Ltd 4100670 Datasheet HTML 7Page - Labfacility Ltd 4100670 Datasheet HTML 8Page - Labfacility Ltd 4100670 Datasheet HTML 9Page - Labfacility Ltd 4100670 Datasheet HTML 10Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PRODUCT DATA
www.labfacility.co.uk
info@labfacility.co.uk
Industrial Mineral Insulated Thermo-
couples, fitted miniature plug
Type K, mineral insulated, flexible, stainless steel
sheathed thermocouple probe directly terminated in
a miniature plug
Specifications
Sensor Type
Thermocouple type K to IEC 60584
Probe material
310 stainless steel with welded tip. Mineral
insulated conductors with insulated junction.
Tip Temperature Rating
-40°C to 1100°C
Probe termination
Fitted miniature compensating plug
Termination Temperature rating
220°C max.
Dimensions & Codes
Data Ref: FAR7
Probe dia
Probe length Farnell Code Lab Code
(mm)
(mm)
0.5
150
4248296
XF-339-FAR
0.5
250
4248302
XF-340-FAR
1.5
150
4248314
XF-341-FAR
1.5
250
4248326
XF-342-FAR
3.0
150
4248338
XF-343-FAR
3.0
250
4248340
XF-344-FAR



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com