Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100682 Datasheet(PDF) 5 Page - Labfacility Ltd

Part # 4100682
Description  Pt100 Probe, PTFE Lead
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4100682 Datasheet(HTML) 5 Page - Labfacility Ltd

  4100682 Datasheet HTML 1Page - Labfacility Ltd 4100682 Datasheet HTML 2Page - Labfacility Ltd 4100682 Datasheet HTML 3Page - Labfacility Ltd 4100682 Datasheet HTML 4Page - Labfacility Ltd 4100682 Datasheet HTML 5Page - Labfacility Ltd 4100682 Datasheet HTML 6Page - Labfacility Ltd 4100682 Datasheet HTML 7Page - Labfacility Ltd 4100682 Datasheet HTML 8Page - Labfacility Ltd 4100682 Datasheet HTML 9Page - Labfacility Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PRODUCT DATA
www.labfacility.co.uk
info@labfacility.co.uk
Industrial, Mineral Insulated
Thermocouples, PTFE lead
Type K, mineral insulated, flexible, stainless steel
sheathed thermocouple probe with PTFE insulated
extension lead
Probe dia Probe length Farnell Code Lab Code
(mm)
(mm)
1.5
150
4248193
XF-329-FAR
1.5
250
4248200
XF-330-FAR
3.0
150
4248211
XF-331-FAR
3.0
250
4248223
XF-332-FAR
6.0
150
4248235
XF-333-FAR
6.0
250
4248247
XF-334-FAR
Specifications
Sensor Type
Thermocouple type K to IEC 60584
Probe Material
310 stainless steel with welded tip. Mineral insulated
conductors with insulated junction
Tip Temperature Rating
-40°C to 1100°C
Probe termination
Plain pot seal
Pot temperature Rating
180°C
Termination
Flying lead & tails; PTFE insulated, 7/0.2mm, 1 metre
Dimensions and Codes
Data Ref: FAR5b



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com