Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WT-302-D Datasheet(PDF) 2 Page - Labfacility Ltd

Part # WT-302-D
Description  IEC Type T PFA Insulated Twin Twisted Pair Thermocouple Cable / Wire
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

WT-302-D Datasheet(HTML) 2 Page - Labfacility Ltd

  WT-302-D Datasheet HTML 1Page - Labfacility Ltd WT-302-D Datasheet HTML 2Page - Labfacility Ltd WT-302-D Datasheet HTML 3Page - Labfacility Ltd WT-302-D Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
TC Cable - 38
Nov-23
Specifications
General Description
Resistant to oils, acids other adverse agents and
fluids. Good mechanical strength and flexibility.
PTFE better for steam/elevated pressure
environments.
Cable Length
10m, 25m, 50m, 100m
Cable Type
Single pair of PFA insulated conductors twisted
together
Core / Strands
1/0.2mm, 1/0.3mm, 7/0.2mm
Conductor Cross Section 1/0.2 (mm2)
0.032
Conductor Cross Section 1/0.315 (mm2)
0.078
Conductor Cross Section 1/0.508 (mm2)
0.203
Conductor Cross Section 7/0.2 (mm2)
0.219
+ Colour
Brown
- Colour
White
Drain Wire
No
Insulation Material
PFA Teflon®
Loop Resistance 1/0.2
(Ohms per combined metre)
16.2
Loop Resistance 1/0.315
(Ohms per combined metre)
6.5
Loop Resistance 1/0.508
(Ohms per combined metre)
2.5
Loop Resistance 7/0.2
(Ohms per combined metre)
2.3
Max. Temperature
+260°C
Min. Temperature
-75°C
+ Conductor
Copper
- Conductor
Constantan
Screen
No
Standards Met
Colour code (cores & jacket) to IEC-584-3
Thermocouple Type
T
Tolerance
Class 1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com