Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100700 Datasheet(PDF) 3 Page - Labfacility Ltd

Part # 4100700
Description  Pt100 Probe, PTFE Lead
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4100700 Datasheet(HTML) 3 Page - Labfacility Ltd

  4100700 Datasheet HTML 1Page - Labfacility Ltd 4100700 Datasheet HTML 2Page - Labfacility Ltd 4100700 Datasheet HTML 3Page - Labfacility Ltd 4100700 Datasheet HTML 4Page - Labfacility Ltd 4100700 Datasheet HTML 5Page - Labfacility Ltd 4100700 Datasheet HTML 6Page - Labfacility Ltd 4100700 Datasheet HTML 7Page - Labfacility Ltd 4100700 Datasheet HTML 8Page - Labfacility Ltd 4100700 Datasheet HTML 9Page - Labfacility Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PRODUCT DATA
www.labfacility.co.uk
info@labfacility.co.uk
Exposed, Welded Tip Thermocouples
with Fitted Mini-Plugs
Types J,K & T, PTFE insulated thermocouple wire with
welded junction and fitted miniature plug
Specifications
Sensor type
Thermocouple type J,K or T to IEC 60584. Exposed, Welded junction.
Tip temperature Rating
-75°C to 250°C (limited by PTFE insulation properties)
Wire type
Twin, twist pair, PTFE insulated over 1/0.2mm conductors, 1 metre
Termination
Colour coded miniature plug
Dimensions & Codes
Thermocouple Type
Farnell Code
Lab Code
Type J x 1m
4100736
XF-320-FAR
Type K x 1m
4100748
XF-321-FAR
Type T x 1m
4100750
XF-322-FAR
Data Ref: FAR3
Exposed, Welded Tip Thermocouple
with fitted Mini-plugs
Types J & K, Glassfibre insulated thermocouple wire with
welded junction and fitted miniature plug
Specifications
Sensor Type
Thermocouple type J or K to IEC60584. Exposed, welded junction.
Tip temperature Rating
-50°C to +350°C (limited by glassfibre insulation properties)
Wire type
Twin, twist pair, silicone varnished glassfibre
insulated over 1/0.315mm conductors, 2 metre
Termination
Colour coded miniature plug
Dimension & Codes
Thermocouple type
Farnell Code
Lab Code
Type J x 2m
4100761
XF-323-FAR
Type K x 2m
4100773
XF-324-FAR
Data Ref: FAR4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com