Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4100712 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 4100712
Description  Pt100 Probe, PTFE Lead
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

4100712 Datasheet(HTML) 2 Page - Labfacility Ltd

  4100712 Datasheet HTML 1Page - Labfacility Ltd 4100712 Datasheet HTML 2Page - Labfacility Ltd 4100712 Datasheet HTML 3Page - Labfacility Ltd 4100712 Datasheet HTML 4Page - Labfacility Ltd 4100712 Datasheet HTML 5Page - Labfacility Ltd 4100712 Datasheet HTML 6Page - Labfacility Ltd 4100712 Datasheet HTML 7Page - Labfacility Ltd 4100712 Datasheet HTML 8Page - Labfacility Ltd 4100712 Datasheet HTML 9Page - Labfacility Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PRODUCT DATA
www.labfacility.co.uk
info@labfacility.co.uk
Pt100 Probe, Mineral Insulated,
PTFE Lead
Pt100 sensing resistor in flexible, mineral insulated,
stainless steel sheath, PTFE insulated extension lead
Specifications
Sensor type
Pt100, class B, 4 wire to IEC60751
Probe material
Stainless steel 310, mineral insulated conductors, welded tip
Tip temperature rating
-50°C to 500°C
Termination
Flying lead & tails
Extension cable
PTFE insulated, screened, 4 core, 1 metre
Dimensions & Codes
Probe length
Probe dia.
Farnell Code
Lab Code
3mm
150mm
4100694
XF-316-FAR
3mm
250mm
4100700
XF-317-FAR
6mm
150mm
4100712
XF-318-FAR
6mm
25 0mm
4100724
XF-319-FAR
Data Ref: FAR2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com