Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WK-150/50M Datasheet(PDF) 1 Page - Labfacility Ltd

Part # WK-150/50M
Description  Thermocouple Extension & Compensating Cable PVC Insulated Flat Pair
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

WK-150/50M Datasheet(HTML) 1 Page - Labfacility Ltd

  WK-150/50M Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors
Quality and Service are key
ĞůĞŵĞŶƚƐŝŶƚŚĞĐŽŶƟŶƵĞĚŐƌŽǁ ƚŚ
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
ĂĐĐƌĞĚŝƚĂƟŽŶ͘
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
091/0314 PVC Insulated Flat Pair
T/C
Conductors
Cores
Jacket Reel
Manufacturers Farnell
Type
Length Part No.
Order Code
Extension:
K
7/0.2mm
+Green/-White Green 10m
WK-150/10M
708-2307
K
7/0.2mm
+Green/-White Green 50m
WK-150/50M
708-2319
K
7/0.2mm
+Green/-White Green 100m
WK-150
859-8460
J
7/0.2mm
+Black/-White
Black
10m
WJ-200/10M
708-2289
J
7/0.2mm
+Black/-White
Black
500m
WJ-200/50M
708-2290
J
7/0.2mm
+Black/-White
Black
100m
WJ-200
859-8479
T
7/0.2mm
+Brown/-White Brown 50m
WT-200/50M
708-2344
T
7/0.2mm
+Brown/-White Brown 100m
WT-200 T
242-0292
T
13/0.2mm
+Brown/-White Brown 50m
WT-009/50M
708-2368
N
7/0.2mm
+Pink/-White
Pink
10m
WN-001/10M
708-2320
ŽŵƉĞŶƐĂƟŶŐ͗
VX (KCB) 7/0.2mm
+Green/-White Green 25m
WV-100/25M
708-2370
VX (KCB) 7/0.2mm
+Green/-White Green 100m
WV-100/100M 708-2381
VX (KCB) 13/0.2mm
+Green/-White Green 100m
WV-009/100M 708-2400
U (RCA) 13/0.2mm
+Orange/-White Orange 100m
WU-100/100M 708-2423
dŚĞƌŵŽĐŽƵƉůĞdžƚĞŶƐŝŽŶΘŽŵƉĞŶƐĂƟŶŐĂďůĞ
PVC Insulated Flat Pair
 Ws ŝŶƐƵůĂƚĞĚŇĂƚƉĂŝƌĐŽŶƐƚƌƵĐƟŽŶ
 Conductors laid flat PVC insulated with overall PVC sheath
 All round general purpose cable, both waterproof and very flexible
 Thermocouple extension types for K, J, T & N
 ŽŵƉĞŶƐĂƟŶŐƚLJƉĞƐs y;<ͿΘh;ZͿĨŽƌƚLJƉĞƐ<ΘZͬ ^dŚĞƌŵŽĐŽƵƉůĞƐƌĞƐƉĞĐƟǀ ĞůLJ
 Stranded conductors available, either 7/0.2mm or 13/0.2mm
 Available in 10, 25, 50 & 100 metre lengths
 Tolerance Class 2
 /ŶƐƵůĂƟŽŶƌĂƟŶŐ-10°C to 105°C
 Colour code (cores & jacket) to IEC-584-3


Similar Part No. - WK-150/50M

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
WK-150/50M LABFACILITY-WK-150/50M Datasheet
715Kb / 4P
IEC Type K PVC Insulated Flat Pair Thermocouple Cable / Wire
Nov-23
More results

Similar Description - WK-150/50M

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301190002 MOLEX11-1301190002 Datasheet
45Kb / 1P
Flat PVC Festoon Cable 12/8C
1301190003 MOLEX11-1301190003 Datasheet
45Kb / 1P
Flat PVC Festoon Cable 14/4C
1301190004 MOLEX11-1301190004 Datasheet
45Kb / 1P
Flat PVC Festoon Cable 14/8C
1301190005 MOLEX11-1301190005 Datasheet
45Kb / 1P
Flat PVC Festoon Cable 14/12C
1301190006 MOLEX11-1301190006 Datasheet
45Kb / 1P
Flat PVC Festoon Cable 16/8C
1301190007 MOLEX11-1301190007 Datasheet
45Kb / 1P
Flat PVC Festoon Cable 16/12C
1301190008 MOLEX11-1301190008 Datasheet
45Kb / 1P
Flat PVC Festoon Cable 10/4C
1301200013 MOLEX11-1301200013 Datasheet
45Kb / 1P
Flat PVC Festoon Cable 2/4C
logo
TT Electronics.
DS3105 TTELEC-DS3105 Datasheet
280Kb / 1P
Thermocouple Compensating Cable
logo
CnC Tech, LLC
1426 CNC-1426 Datasheet
542Kb / 2P
PVC Insulated Marine Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com