Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CN-14A-R-C2 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # CN-14A-R-C2
Description  Pressure Sensor Evolutions
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CN-14A-R-C2 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  CN-14A-R-C2 Datasheet HTML 1Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 2Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 3Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 4Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 5Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 6Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 7Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 8Page - Panasonic Semiconductor CN-14A-R-C2 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Superior visibility
Improvements to the digital display deliver a wide viewing
angle along with increased clarity. The display pressure
range and set pressure range have also been increased.
Achieved further efficiency with
4 upgrades, keeping the same
operability
Improved visibility in Digital Display
Enhanced power circuitry
Addition of a reverse polarity protection circuit to the
transistor output circuit
Long-distance transmission of analog output
Users can now select either voltage output or current output as analog output according to their
application.
To prevent from breakage due to miswiring.
Addition of analog current output capability to multifunctional models
Reduced environmental impact
Thanks to a redesign of its circuitry, power consumption of
the low-power-consumption
DP-100 series during normal
operation has been reduced by 14%. The display is shut
off entirely during ECO / FULL mode operation for power
savings of up to 50% compared to normal operation, and
display brightness is lowered during ECO / STD mode
operation for power savings of up to 30% compared to
normal operation.
14% lower power consumption
(during normal operation)
Old DP-100 series
840 mW (normal operation)
New DP-100 series
720 mW (normal operation)
Normal operation
720 mW
ECO / FULL operation
360 mW
14% lower
after update
Up to
50% lower
in ECO mode
Old DP-100 series
New DP-100 series
Note: The upgrade will be implemented from production in October 2013, based on stock status.
1
U
pgrade 1
U
pgrade 2
U
pgrade 3
U
pgrade 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com