Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASFN14B91 Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # ASFN14B91
Description  ASFN DC Fans / ASEN AC Fans
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ASFN14B91 Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button ASFN14B91 Datasheet HTML 9Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 10Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 11Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 12Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 13Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 14Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 15Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 16Page - Panasonic Semiconductor ASFN14B91 Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Features
› Dimensions: 92 x 92 x 25mm
› 6 rated voltages: 100VAC to 240VAC
› Frame: die-cast aluminum
› Propeller: reinforced plastic
› RoHS-compliant
Diagram
92.5
82.5±0.3
3.5
25+1–0.3
25+1–0.3
3.5
3.5
3.5
82.5±0.3
92.5
Connecting cable
Faston terminal
Air flow
Air flow
Earth tap M4
(200V class)
300 min
60
40
20
00
0.2
0.4 0.6
0.8
1.0
60Hz
50Hz
Air flow (m3/min)
Materials used
Specifications
Operating voltage:
±10% of rated voltage
Ambient temperature:
Storage: -20°C to +70°C; operation: -10°C to +60°C
Ambient humidity:
Max. 85% (RH)
Temperature rise:
Coil: max. 50°C; surface: max. 20°C
Breakdown voltage:
1,500V AC for 1min
Insulation resistance:
Min. 100MΩ (at 500V DC)
Vibration resistance:
10 to 55Hz; amplitude 0.75mm; applied for 10min in 3 directions
Protection:
Impedance protected
Lifetime:
50,000 hours
Frame: Aluminum alloy
Fan blades: Fiberglass-reinforced plastic
Bearings: Ball bearings
Lead wires: UL3266 and AWG22
Faston terminal: Faston #110
ASEN9 Series
92 x 92 x 25mm
Lead wire type
Faston terminal
type
V AC
Hz
W
mA
rpm
m³/min
Pa
dB(A)
kg
ASEN90211
ASEN902519
100
50/60
13.0/10.0
190/150
2,600/
3,100
0.80/0.98
43.2/60.9
34/39
0.3
ASEN90212
ASEN902529
115
12.0/9.0
170/130
ASEN90214
ASEN902549
200
13.0/10.0
100/80
ASEN90215
ASEN902559
220
100/80
ASEN90216
ASEN902569
230
90/70
ASEN90217
ASEN902579
240
85/65
Accessories
ASFN98001
Fan guard 92 x 92mm, 6 rings, UL/CSA
ASEN98001
Fan guard 92 x 92mm, 7 rings
ASEN98002
Fan cover with filter
13
SERIES ASEN - AC FANS
ASEN9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com