Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366CDDB-2#TRMPBF Datasheet(PDF) 8 Page - Analog Devices

Part # LTC4366CDDB-2#TRMPBF
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366CDDB-2#TRMPBF Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC4366CDDB-2#TRMPBF Datasheet HTML 4Page - Analog Devices LTC4366CDDB-2#TRMPBF Datasheet HTML 5Page - Analog Devices LTC4366CDDB-2#TRMPBF Datasheet HTML 6Page - Analog Devices LTC4366CDDB-2#TRMPBF Datasheet HTML 7Page - Analog Devices LTC4366CDDB-2#TRMPBF Datasheet HTML 8Page - Analog Devices LTC4366CDDB-2#TRMPBF Datasheet HTML 9Page - Analog Devices LTC4366CDDB-2#TRMPBF Datasheet HTML 10Page - Analog Devices LTC4366CDDB-2#TRMPBF Datasheet HTML 11Page - Analog Devices LTC4366CDDB-2#TRMPBF Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC4366
For more information www.analog.com
8
Rev. F
PIN FUNCTIONS
BASE: Base Driver Output for External PNP Shunt Regula-
tor. This pin is connected to the anode of an internal 6.2V
Zener with the cathode tied to OUT. In cases where lower
Zener (Z3) clamp current is desired but a large VSS resis-
tor is prohibited, connect an external PNP base to this pin
(PNP collector is grounded, emitter is tied to VSS). Tie this
pin to VSS if unused.
Exposed Pad: The exposed pad may be left open or con-
nected to VSS.
FB: Overvoltage Regulation Amplifier Feedback Input.
Connect this pin to an external resistive divider from OUT
to ground. The overvoltage regulation amplifier controls
the gate of the external N-channel MOSFET to regulate
the FB pin voltage at 1.23V below OUT. The overvoltage
amplifier will activate a 200mA pull-down on the GATE pin
during a fast overvoltage event.
GATE: Gate Drive for External N-Channel MOSFET. Dur-
ing start-up an internal 7.5µA current source charges the
gate of the external N-channel MOSFET from the VDD pin.
Once the OUT voltage is above VSS by 4.75V, the charge
pump will finish charging the GATE to 12V above OUT.
During a fast overvoltage event, a 200mA pull-down cur-
rent source between GATE and OUT is activated, followed
by regulation of the GATE pin voltage by the overvoltage
regulation amplifier.
OUT: Charge Pump and Overvoltage Regulation Amplifier
SupplyVoltage.Supplyinputforfloatingcircuitrypowered
from the MOSFET source. Once the OUT voltage is 4.75V
(UVLO2)aboveVSS,thechargepumpwillturnonanddraw
power from this pin. When OUT exceeds 2.55V (UVLO1)
it is used as a power supply and reference input for over-
voltage regulation amplifier. This pin is clamped at 5.7V
and requires a 0.22µF or greater bypass to the VSS pin.
SD: Shutdown Comparator Input. Tie to VDD if unused.
Connectpintoalimitedcurrentpulldowncreatedbyadding
a resistor in series with an open-drain or open-collector
pull-down transistor. Activating the external pull down
overcomes the internal 1.6µA pull-up current source and
allows the SD pin to cross the shutdown threshold. This
threshold is defined as 1.5V below VDD with a 280mV
hysteresis. To prevent false triggers this pin must stay
below the threshold for 700µs to activate the shutdown
state. The shutdown state lowers the total quiescent cur-
rent (IVDD plus IOUT) below 20µA. This quiescent current
does not include shunt current in the VDD, OUT and BASE
regulators. After a fault on the LTC4366, putting the part
in shutdown will clear the fault and allow operation to
resume. Clearing the fault during the 9-second cool-down
period will shorten the timeout for the LTC4366-2 (auto-
retry) version.
TIMER:TimerInput.Leavethispinopenfora1µsovervolt-
age regulation period before fault off. Connect a capacitor
between this pin and VSS to set a 311ms/µF duration for
overvoltage regulation before the switch is turned off.
The LTC4366-2 version will restart after a nine second
cool-down period.
VDD: Start-Up Supply. Supply input for 7.5µA start-up cur-
rent source that charges the gate of the external N-channel
MOSFET. Also provides supply for timer and logic circuits
activewhentheexternalMOSFETisoff.Thispinisclamped
at 12V above VSS. Do not bypass this pin with a capacitor.
VSS: Device Return and Substrate. The capacitors on the
TIMER and OUT pins should be returned to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com