Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACCESSORIES Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ACCESSORIES
Description  ASFN DC Fans / ASEN AC Fans
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ACCESSORIES Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ACCESSORIES Datasheet HTML 1Page - Panasonic Semiconductor ACCESSORIES Datasheet HTML 2Page - Panasonic Semiconductor ACCESSORIES Datasheet HTML 3Page - Panasonic Semiconductor ACCESSORIES Datasheet HTML 4Page - Panasonic Semiconductor ACCESSORIES Datasheet HTML 5Page - Panasonic Semiconductor ACCESSORIES Datasheet HTML 6Page - Panasonic Semiconductor ACCESSORIES Datasheet HTML 7Page - Panasonic Semiconductor ACCESSORIES Datasheet HTML 8Page - Panasonic Semiconductor ACCESSORIES Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
› Dimensions: 60 x 60 x 25mm
› Rated voltages: 12VDC, 24VDC
› Several rotation speeds per model
› Blockage protection with automatic restart
› Reverse polarity and overvoltage protection
› Optional: Lock sensor output
(alarm is triggered if fan is blocked)
› RoHS-compliant
Diagram
25±0.5
50±0.3
60±0.5
60±0.5
50±0.3
Air flow
4-4.3
±0.2 dia.
300 min.
80
70
60
50
40
30
20
10
0
0
0.2
0.1
0.5
0.4
0.3
0.7
0.6
0.8 0.9
Low
Standard
Middle
Air flow (m3/min)
Volumenstrom (m3/min)
Materials used
Specifications
Frame: Plastic
Fan blades: Plastic
Bearings: Ball bearings
Lead wires: UL1007 and AWG24
ASFN6 Series
60 x 60 x 25mm
Without lock sen-
sor
With lock sensor
V DC
W
mA
rpm
m³/min
Pa
dB(A)
kg
ASFN64371
ASFN64391
12
0.84
70
2,550
0.37
17.20
19.0
0.065
Low
ASFN64372
ASFN64392
24
1.20
50
Low
ASFN62371
ASFN62391
12
1.20
100
3,000
0.44
23.40
22.5
Middle
ASFN62372
ASFN62392
24
1.44
60
Middle
ASFN60371
ASFN60391
12
1.92
160
4,050
0.61
41.70
30.5
Standard
ASFN60372
ASFN60392
24
2.40
100
Standard
ASFN66371
ASFN66391
12
3.12
260
4,900
0.75
60.30
36.5
On request
ASFN66372
ASFN66392
24
2.88
120
On request
Accessories
ASFN68001
Fan guard 60 x 60mm, 4 rings, UL/CSA
Fan cover with filter
ASEN68002
Operating voltage:
At 12V: 6–13.8V; at 24V: 10–27.6V
Ambient temperature:
-10°C to +60°C
Ambient humidity:
Max. 95% (RH)
Temperature rise:
Coil: max. 50°C; surface: max. 20°C
Breakdown voltage:
500V AC for 1min (between lead wires and frame)
Insulation resistance:
Min. 10MΩ (at 500V DC)
Lead wire tensile strength:
9.8N at 15s
Vibration resistance:
10 to 55Hz; amplitude 0.75mm; applied for 10min in 3 directions
Fan blockage:
No coil burnout after 72-hour blockage at nominal voltage
Reverse polarity protection:
No damage after brief reverse polarity connection at nominal voltage
Lifetime:
70,000 hours
5
ASFN6
Features
SERIES ASFN - DC FANS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com