Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2816499 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 2816499
Description  Platinum Resistance Pt100 Probe with Terminal Head
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2816499 Datasheet(HTML) 1 Page - Labfacility Ltd

  2816499 Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•
Heavy duty Pt100 probe with terminal head
•
Class B, 4 wire connec on
•
Available in probe lengths between 150mm & 600mm
•
6.0mm diameter in 316 stainless steel
•
With or without 1/2"BSP parallel process connec on
•
IP67 aluminium alloy weatherproof connec on head
•
Sensor temperature ra ng -
50°C to +450°C
•
Conforms to IEC 751
Specifica ons
Sensor type:
Pt100 (100 Ohms @ 0°C) to IEC 751, Class B, 4 wire
Construc on:
6.0mm diameter stem in 316 stainless steel
Termina on:
IP67 aluminium alloy weatherproof connec on head with 4 wire
connec on block, M20 x 1.5mm cable entry (gland included)
Process connec on:
1/2"BSP parallel (where applicable)
Probe temperature range:
-
50°C to +450°C (connec on head @ 170°C)
Pla num Resistance Pt100 Probe with Terminal Head
With or without 1/2"BSPP process connec on, aluminium alloy head termina on
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors.
Quality and Service are key
elements in the con nued growth
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
accredita on.
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
FAR181-0
320 Pla num Resistance Pt100 Probe with Terminal Head
Probe Dia Ø
Probe length
1/2"BSPP process
Order code
connec on
6.0mm
200mm
No
2816498
6.0mm
600mm
No
2816499
6.0mm
150mm
Yes
2816500
6.0mm
250mm
Yes
2816501
6.0mm
500mm
Yes
2816502


Similar Part No. - 2816499

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
28164 ETC2-28164 Datasheet
128Kb / 1P
Wiha Drive-Loc VI Blades
logo
Labfacility Ltd
2816454 LABFACILITY-2816454 Datasheet
730Kb / 3P
Pt100 Class B Sensors with Teflon insulated lead - Type PRT
Mar-24
2816455 LABFACILITY-2816455 Datasheet
730Kb / 3P
Pt100 Class B Sensors with Teflon insulated lead - Type PRT
Mar-24
2816456 LABFACILITY-2816456 Datasheet
730Kb / 3P
Pt100 Class B Sensors with Teflon insulated lead - Type PRT
Mar-24
More results

Similar Description - 2816499

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
22810 RHOPOINT-22810 Datasheet
126Kb / 1P
PT100 Platinum resistance temperature detector
logo
Fuji Electric
EDS2-15F FUJI-EDS2-15F Datasheet
252Kb / 4P
OPTICAL PLATINUM RESISTANCE BULB TEMPERATURE TRANSMITTER
EDS2-21C FUJI-EDS2-21C Datasheet
340Kb / 10P
PLATINUM RESISTANCE BULB FOR GENERAL USE
EDS2-24A FUJI-EDS2-24A Datasheet
83Kb / 2P
SHEATH TYPE PLATINUM RESISTANCE THERMOMETER BULB
logo
List of Unclassifed Man...
DM-315 ETC2-DM-315 Datasheet
131Kb / 2P
PT100 PLATINUM SENSING RESISTORS
logo
RHOPOINT COMPONENTS
22810-1-B RHOPOINT-22810-1-B Datasheet
80Kb / 1P
Platinum Resistance Temperature Detector
logo
PHOENIX CONTACT
2810418 PHOENIX-2810418 Datasheet
65Kb / 3P
Resistance thermometer measuring transducer - MCR-PT100-UNC
2810421 PHOENIX-2810421 Datasheet
64Kb / 3P
Resistance thermometer measuring transducer - MCR-PT100-INC
logo
List of Unclassifed Man...
MIKROE-2885 ETC-MIKROE-2885 Datasheet
362Kb / 2P
PT100 3 wire temperature probe
logo
Pico Technology Ltd.
PT-104 PICO-PT-104 Datasheet
6Mb / 9P
High-accuracy platinum resistance data logger
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com