| Electronic Components Datasheet Search |
|
N4-04. Datasheet(PDF) 2 Page - HAKKO Corporation |
|
|
|||||||||||||||||||||||||||||
N4-04. Datasheet(HTML) 2 Page - HAKKO Corporation |
|
2 / 4 page ![]() FM-2022 FM-2023 FM-2026 FM-2024 FM-2027 FM-2026 FM-2024 FM-2027 FM-2029 FM-2026 FM-2024 FM-2027 Channel 2 Channel 3 Channel 1 With built-in pump With built-in pump With built-in pump With built-in pump With built-in pump With built-in pump With built-in pump With built-in pump With built-in pump With built-in pump With built-in pump With built-in pump Built-in pump offers desoldering and hot air functions! Vacuum Port Air Outlet FM-2024 and FM-2029 cannot be used at the same time. Although FM-2024 can be connected to any channel, only one FM-2024 unit can be used at a time. FM-206 CONFIGURATIONS* CUSTOMIZE your station for YOUR rework including FM-2027, FM-2024, FM-2022, FM-2023, • Graphic User (LCD) Interface for easy setup and operation • 3 simultaneous powered ports • Self-contained pump for vacuum and air flow • Digital airflow indicator • Configurable display in °C or °F • Manual or Auto modes • Low cost composite hot air nozzles • Capable of hot air rework of 0201, 01005, and up to 10x10mm QFN's. • Meets or exceeds ANSI J-STD-001 • ESD safe by design • Auto shutoff w/ sleep function • Passcode protected • Security lock to protect against theft/re-location Auto power shut-off function: An energy-saving function that halts power supply to the heater if the tip is not used within the set time. Sleep function: A function to extend the life of the tip by reducing its oxidation; the tip temperature drops automatically when a set amount of time has elapsed after placing the handpiece on the iron holder. If an unused soldering iron is kept supplied with power at a high temperature, the tip turns black due to oxidation, repelling solder. This occurs especially when lead-free solder is used, or when the iron is used without solder in processes such as correcting bridging. If the tip turns black due to oxidation, it is recommended to use HAKKO FT-700. The oxidized tip can be recovered to an ideal state simply by plating it with Hakko FS-100 tip polish again and repeating the removal of oxides using the soft rotating brush several times. Topics A remarkable change with one simple maintenance procedure Blackened oxidized tip Re-plated tip HAKKO FT-700 The 60-minute option has been added to the FM-206 to meet customers' requests FM-206 3-Port Rework Station The FM-206 rework station's sleek, compact design minimizes loss of bench space and its powerful ports allow the use of the FM-2029 single hot air handpiece and FM-2030 heavy duty soldering iron, making this the ultimate rework station. Part Number FM206-DSS FM206-DTS FM206-STA FM206-DSA Port 1 FM-2024 FM-2024 FM-2027 FM-2024 Port 2 FM-2027 FM-2022 FM-2022 FM-2027 Port 3 FM-2027 FM-2027 FM-2029 FM-2029 *North America only |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |