Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2425 Datasheet(PDF) 2 Page - HAKKO Corporation

Part # B2425
Description  Desoldering Tool
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

B2425 Datasheet(HTML) 2 Page - HAKKO Corporation

  B2425 Datasheet HTML 1Page - HAKKO Corporation B2425 Datasheet HTML 2Page - HAKKO Corporation B2425 Datasheet HTML 3Page - HAKKO Corporation B2425 Datasheet HTML 4Page - HAKKO Corporation B2425 Datasheet HTML 5Page - HAKKO Corporation B2425 Datasheet HTML 6Page - HAKKO Corporation B2425 Datasheet HTML 7Page - HAKKO Corporation B2425 Datasheet HTML 8Page - HAKKO Corporation B2425 Datasheet HTML 9Page - HAKKO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
1
2. SPECIFICATIONS
1. PACKING LIST AND PART NAMES
HAKKO FR-400 Desoldering station
HAKKO FR-4001 Desoldering Handpiece
(with ø1.0mm [0.04 in] nozzle)
Power cord
1
1
1
HAKKO HF-400 Handpiece holder
(with Cleaning wire)
Tool box
Instruction Manual
1
1
1
Cleaning Pin (for ø1.0mm
[0.04 in] nozzle)
Nozzle wrench
Ceramic paper Filter
(Desoldering handpiece)
Station
Filter
Cleaning Pin
(for Heating Element)
Cleaning Drill (for ø1.0mm
[0.04 in] nozzle)
●
HAKKO FR-400
Power consumption
Temperature range
Temperature stability
320W
350 - 500℃ (660 - 940℉ )
± 5℃ (9℉ ) at idle temperature
●
Station
Output
Dimensions
Weight
Vacuum generator
Vacuum pressure (max.)
Suction flow
AC 29V
160(W) × 137(H) × 235(D) mm
(6.3 × 5.4 × 9.3 in.)
5.7 kg (12.6 lb.)
Vacuum pump, double cylinder type
80 kPa (600 mmHg)
15ℓ/min.
●
HAKKO FR-4001
Part name
Power consumption
Nozzle to ground resistance
Nozzle to ground potential
Length (w/o cord)
Weight (w/o cord)
Cord
HAKKO FR-4001
300W(29 V)
< 2 Ω
< 2 mV
183 mm (7.2 in.) with ø1.0mm [0.04 in] nozzle
245 g (0.54 lb.) with ø1.0mm [0.04 in] nozzle
1.2 m (4 ft.)
* The temperature was measured using the HAKKO FG-101
Station Tester.
* This product is protected against electrostatic discharge.
* Specifications and design are subject to change without notice.
HAKKO
FR-4001
Nozzle
(N60 series)
HAKKO FH-400
Power cord
Tool box
HAKKO FR-400
Station
×1
×1
×1
×1
×2
×4
Please check to make sure that all items
listed below are included in the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com