Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1123003 Datasheet(PDF) 2 Page - Lapp.

Part # 1123003
Description  ÖLFLEX® CLASSIC 130 H
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

1123003 Datasheet(HTML) 2 Page - Lapp.

  1123003 Datasheet HTML 1Page - Lapp. 1123003 Datasheet HTML 2Page - Lapp. 1123003 Datasheet HTML 3Page - Lapp. 1123003 Datasheet HTML 4Page - Lapp. 1123003 Datasheet HTML 5Page - Lapp. 1123003 Datasheet HTML 6Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PRODUCT INFORMATION
ÖLFLEX® CLASSIC 130 H
Product features
Flame-retardant according to IEC 60332-1-2
(flame spread on a single cable)
No flame-propagation according to IEC 60332-3-22 and IEC 60332-3-24 respectively IEC 60332-3-25 (Flame spread on vertical
cable or wire bundle)
Halogen-free according to IEC 60754-1
(amount of halogen acid gas)
Corrosiveness of combustion gases according to IEC 60754-2 (degree of acidity)
Low smoke density according to IEC 61034-2
UL Cable Flame Test
Norm references / Approvals
UL AWM style 21089
Based on EN 50525-3-11
Based on EN 50525-2-51
Germanischer Lloyd (GL)
certificate no. 11 120-14 HH
Product Make-up
Fine-wire strand made of bare copper wires
Core insulation: Halogen-free
Cores twisted in layers
Outer sheath: Special halogen-free compound, grey (similar to RAL 7001)
Technical Data
Classification:
ETIM 5.0 Class-ID: EC000104
ETIM 5.0 Class-Description: Control cable
Core identification code:
Black with white numbers acc. to VDE 0293-1
Conductor stranding:
Fine wire according to VDE 0295,
class 5/IEC 60228 class 5
Minimum bending radius:
Occasional flexing: 15 x outer diameter
Fixed installation: 4 x outer diameter
Nominal voltage:
U0/U: 300/500 V
UL: 600 V
Test voltage:
4000 V
Protective conductor:
G = with GN-YE protective conductor
X = without protective conductor
Temperature range:
Occasional flexing: -25°C to +70°C (UL: +75°C)
Fixed installation: -40°C to +80°C (UL: +75°C)
Last Update (30.10.2017)
2 / 6
©2017 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com