Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBT07402 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT07402
Description  74.75MHz High-Loss SAW Filter 4.50MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT07402 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT07402 Datasheet HTML 1Page - SIPAT Co,Ltd LBT07402 Datasheet HTML 2Page - SIPAT Co,Ltd LBT07402 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT07402
Rev. Date
2004-11-10
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
74.75MHz High-Loss SAW Filt
er
4.50MHz Bandwidth
Part Number: LBT07402
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
74.7
74.75
74.8
Insertion Loss
dB
-
22.9
25
3 dB Bandwidth
MHz
4.5
4.6
-
35 dB Bandwidth
MHz
-
6.6
6.9
Absolute Delay
usec
-
2.77
-
Passband Variation
dB
-
0.5
1
Ultimate Rejection
dB
50
53
-
Subatrate Material
112 LT
Ambient Temperature
°C
25
Package Size
DIP2212
(22.7x12.7x5.2mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show.
Matching Configuration
L1=L2=100nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBT07402

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT07402 SIPAT-LBT07402 Datasheet
279Kb / 3P
74.75MHz High-Loss SAW Filter 4.50MHz Bandwidth
More results

Similar Description - LBT07402

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LB140DS04 SIPAT-LB140DS04 Datasheet
281Kb / 3P
140MHz High-Loss SAW Filter 3.5MHz Bandwidth
LB140DS05 SIPAT-LB140DS05 Datasheet
343Kb / 3P
140MHz High-Loss SAW Filter 5MHz Bandwidth
LBN12014 SIPAT-LBN12014 Datasheet
148Kb / 3P
120MHz High-Loss SAW Filter 12.7MHz Bandwidth
LBS16016 SIPAT-LBS16016 Datasheet
287Kb / 3P
160MHz High-Loss SAW Filter 2.5MHz Bandwidth
LBT11523 SIPAT-LBT11523 Datasheet
139Kb / 3P
115MHz High-Loss SAW Filter 6.1MHz Bandwidth
LBT15007 SIPAT-LBT15007 Datasheet
338Kb / 4P
150MHz High-Loss SAW Filter 6.00MHz Bandwidth
LBN12014 SIPAT-LBN12014 Datasheet
154Kb / 3P
120MHz High-Loss SAW Filter 12.7MHz Bandwidth
LBS15010 SIPAT-LBS15010 Datasheet
140Kb / 3P
150MHz High-Loss SAW Filter 10.1MHz Bandwidth
LBT07402 SIPAT-LBT07402 Datasheet
279Kb / 3P
74.75MHz High-Loss SAW Filter 4.50MHz Bandwidth
LBT15007 SIPAT-LBT15007 Datasheet
339Kb / 4P
150MHz High-Loss SAW Filter 6.00MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com