Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST10F269
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269 Datasheet(HTML) 1 Page - STMicroelectronics

  ST10F269 Datasheet HTML 1Page - STMicroelectronics ST10F269 Datasheet HTML 2Page - STMicroelectronics ST10F269 Datasheet HTML 3Page - STMicroelectronics ST10F269 Datasheet HTML 4Page - STMicroelectronics ST10F269 Datasheet HTML 5Page - STMicroelectronics ST10F269 Datasheet HTML 6Page - STMicroelectronics ST10F269 Datasheet HTML 7Page - STMicroelectronics ST10F269 Datasheet HTML 8Page - STMicroelectronics ST10F269 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 160 page
background image
1/160
ST10F269
June 2002
s HIGH PERFORMANCE 40MHz CPU WITH DSP
FUNCTION
– 16-BIT CPU WITH 4-STAGE PIPELINE
– 50ns INSTRUCTION CYCLE TIME AT 40MHz MAX
CPU CLOCK
– MULTIPLY/ACCUMULATE UNIT (MAC) 16 x 16-BIT
MULTIPLICATION, 40-BIT ACCUMULATOR
– REPEAT UNIT
– ENHANCED BOOLEAN BIT MANIPULATION FA-
CILITIES
– ADDITIONAL INSTRUCTIONS TO SUPPORT HLL
AND OPERATING SYSTEMS
– SINGLE-CYCLE
CONTEXT
SWITCHING
SUP-
PORT
s MEMORY ORGANIZATION
– 256K BYTE ON-CHIP FLASH MEMORY SINGLE
VOLTAGE WITH ERASE/PROGRAM CONTROLLER.
– 100K ERASING/PROGRAMMING CYCLES.
– UP TO 16M BYTE LINEAR ADDRESS SPACE FOR
CODE AND DATA (5M BYTES WITH CAN)
– 2K BYTE ON-CHIP INTERNAL RAM (IRAM)
– 10K BYTE ON-CHIP EXTENSION RAM (XRAM)
s FAST AND FLEXIBLE BUS
– PROGRAMMABLE EXTERNAL BUS CHARACTE-
RISTICS FOR DIFFERENT ADDRESS RANGES
– 8-BIT OR 16-BIT EXTERNAL DATA BUS
– MULTIPLEXED OR DEMULTIPLEXED EXTERNAL
ADDRESS/DATA BUSES
– FIVE PROGRAMMABLE CHIP-SELECT SIGNALS
– HOLD-ACKNOWLEDGE BUS ARBITRATION SUP-
PORT
s INTERRUPT
– 8-CHANNEL PERIPHERAL EVENT CONTROLLER
FOR SINGLE CYCLE INTERRUPT DRIVEN DATA
TRANSFER
– 16-PRIORITY-LEVEL INTERRUPT SYSTEM WITH
56 SOURCES, SAMPLING RATE DOWN TO 25ns
s TIMERS
– TWO MULTI-FUNCTIONAL GENERAL PURPOSE
TIMER UNITS WITH 5 TIMERS
s TWO 16-CHANNEL CAPTURE / COMPARE UNITS
s A/D CONVERTER
– 16-CHANNEL 10-BIT
– 4.85
µs CONVERSION TIME AT 40MHz CPU CLOCK
s 4-CHANNEL PWM UNIT
s SERIAL CHANNELS
– SYNCHRONOUS / ASYNCHRONOUS SERIAL
CHANNEL
– HIGH-SPEED SYNCHRONOUS CHANNEL
s TWO CAN 2.0B INTERFACES OPERATING ON ONE
OR TWO CAN BUSSES (30 OR 2x15 MESSAGE
OBJECTS)
s FAIL-SAFE PROTECTION
– PROGRAMMABLE WATCHDOG TIMER
– OSCILLATOR WATCHDOG
s ON-CHIP BOOTSTRAP LOADER
s CLOCK GENERATION
– ON-CHIP PLL
– DIRECT OR PRESCALED CLOCK INPUT
s REAL TIME CLOCK
s UP TO 111 GENERAL PURPOSE I/O LINES
– INDIVIDUALLY
PROGRAMMABLE
AS
INPUT,
OUTPUT OR SPECIAL FUNCTION
– PROGRAMMABLE THRESHOLD (HYSTERESIS)
s IDLE AND POWER DOWN MODES
s SINGLE VOLTAGE SUPPLY: 5V ±10% (EMBEDDED
REGULATOR FOR 3.3 V CORE SUPPLY).
s TEMPERATURE RANGE: -40 +125°C
s 144-PIN PQFP PACKAGE
PQFP144 (28 x 28 mm)
(Plastic Quad Flat Pack)
ORDER CODE: ST10F269-Q3
CAN2_TXD
CAN1_TXD
CAN1_RXD
CAN2_RXD
Port 6
Port 5
Port 3
BRG
CPU-Core and MAC Unit
Internal
RAM
Watchdog
Interrupt Controller
8
32
16
PEC
16
16
CAN1
Port 7
Port 8
BRG
16
Oscillator
16
16
256K Byte
and PLL
Flash Memory
XTAL1
XTAL2
2K Byte
16
15
8
8
8
16
3.3V
Voltage
Regulator
10K Byte
XRAM
CAN2
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PRELIMINARY DATA
This is advance information on a new product now in development or undergoing evaluation. Details are subject to change without notice.


Similar Part No. - ST10F269

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Mar-2003
ST10F269D STMICROELECTRONICS-ST10F269D Datasheet
806Kb / 4P
16-bit microcontrollers for automotive applications
Jun-2006
ST10F269Z1Q3 STMICROELECTRONICS-ST10F269Z1Q3 Datasheet
3Mb / 184P
16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Sep-2003
ST10F269Z1Q6 STMICROELECTRONICS-ST10F269Z1Q6 Datasheet
3Mb / 184P
16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Sep-2003
ST10F269Z1T3 STMICROELECTRONICS-ST10F269Z1T3 Datasheet
3Mb / 184P
16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Sep-2003
More results

Similar Description - ST10F269

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
16-BIT MCU WITH 128K BYTE FLASH MEMORY
May-1997
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
Jan-2002
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Aug-2002
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
Feb-2002
ST10F280 STMICROELECTRONICS-ST10F280 Datasheet
1Mb / 186P
16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
Mar-2003
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Mar-2003
ST10F276 STMICROELECTRONICS-ST10F276_06 Datasheet
4Mb / 229P
16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
02-Jun-2006
ST10F269ZX STMICROELECTRONICS-ST10F269ZX Datasheet
3Mb / 184P
16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Sep-2003
ST10F280 STMICROELECTRONICS-ST10F280_12 Datasheet
2Mb / 239P
16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
20-Aug-2012
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
10-Aug-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com