Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269 Datasheet(PDF) 112 Page - STMicroelectronics

Part # ST10F269
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button ST10F269 Datasheet HTML 108Page - STMicroelectronics ST10F269 Datasheet HTML 109Page - STMicroelectronics ST10F269 Datasheet HTML 110Page - STMicroelectronics ST10F269 Datasheet HTML 111Page - STMicroelectronics ST10F269 Datasheet HTML 112Page - STMicroelectronics ST10F269 Datasheet HTML 113Page - STMicroelectronics ST10F269 Datasheet HTML 114Page - STMicroelectronics ST10F269 Datasheet HTML 115Page - STMicroelectronics ST10F269 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 160 page
background image
ST10F269
112/160
250k
Ω), must lead to a charging time long enought to let the internal or external oscillator and / or the
on-chip PLL to stabilize.
The R0-C0 components on RPD pin are mainly implemented to provide a time delay to exit Power down
mode (see Chapter 19 - Power Reduction Modes). Nervertheless, they drive RPD pin level during resets
and they lead to different reset modes as explained hereafter. On power-on, C0 is totaly discharged, a
low level on RPD pin forces an asynchronous hardware reset. C0 capacitor starts to charge throught R0
and at the end of reset sequence ST10F269 restarts. RPD pin threshold is typically 2.5V.
Depending on the delay of the next applied reset, the MCU can enter a synchronous reset or an
asynchronous reset. If RPD pin is below 2.5V an asynchronous reset starts, if RPD pin is above 2.5V a
synchronous reset starts. (See Section 18.1 - Long Hardware Reset and Section 18.2 - Short Hardware
Reset).
Note that an internal pull-down is connected to RPD pin and can drive a 100
µA to 200µA current. This
Pull-down is turned on when RSTIN pin is low.
To properly use the bidirectional reset features, the schematic (or equivalent) of Figure 60 must be
implemented. R1-C1 only work for power-on or manual reset in the same way as explained previously. D1
diode brings a faster discharge of C1 capacitor at power-off during repetitive switch-on / switch-off
sequences. D2 diode performs an OR-wired connection, it can be replaced with an open drain buffer. R2
resistor may be added to increase the pull-up current to the open drain in order to get a faster rise time on
RSTIN pin when bidirectional function is activated.
The start-up configurations and some system features are selected on reset sequences as described in
Table 29 and Table 30.
Table 29 describes what is the system configuration latched on PORT0 in the five different reset ways.
Table 30 summarizes the state of bits of PORT0 latched in RP0H, SYSCON, BUSCON0 registers.
Figure 58 : Internal (simplified) Reset Circuitry.
RSTOUT
EINIT Instruction
Trigger
Clr
Clock
Reset State
Machine
Internal
Reset
Signal
Reset Sequence
(512 CPU Clock Cycles)
SRST instruction
watchdog overflow
RSTIN
VDD
BDRSTEN
VDD
RPD
Weak pull-down
(~200
µA)
From/to Exit
Powerdown
Circuit
Asynchronous
Reset
Clr
Q
Set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com