Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T-91-SC3 Datasheet(PDF) 1 Page - Linemaster Switch Corporation

Part # T-91-SC3
Description  Treadlite II Foot Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEMASTER [Linemaster Switch Corporation]
Direct Link  https://linemaster.com/
Logo LINEMASTER - Linemaster Switch Corporation

T-91-SC3 Datasheet(HTML) 1 Page - Linemaster Switch Corporation

  T-91-SC3 Datasheet HTML 1Page - Linemaster Switch Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Linemaster Switch Corporation
29 Plaine Hill Road POB 238
Woodstock, CT 06281-0238 USA
Toll Free: (800) 974-3668 (US Only) Telephone: (860) 974-1000
Fax: (860) 974-0691
E-Mail: service_266@linemaster.com
Web site: www.linemaster.com
Item # T-91-SC3, Treadlite II Foot Switch
Treadlite II Foot Switch
The handsome steel housing is painting black with nonskid base pad and foot treadle pad. The low profile and light
pressure required to operate reduces operator fatigue. The maintained contact version incorporates a positive over center
rocker type action.
The TWIN T-91-SC48 consists of two single models mounted on a single cast aluminum base with a divider bar between
pedals which helps prevent accidental operation of both switches at one time.
SPECIFICATIONS
Description
Momentary
Circuit
SPDT Wired N.O.
Form
A
Electrical Rating
1/2 H.P. 125 VAC
10 A 125 VAC
Standard
EN 60529 Degree of Protection IP20
Size
3 1/2 x 2 5/8 x 1 Inch
Weight Approx.
7 Oz.
Note
Supplied with 6 ft 18/3 cord with 3 prong series plug. Green lead grounded.
11/21/2012 | Page 1 of 1


Similar Part No. - T-91-SC3

ManufacturerPart #DatasheetDescription
logo
Linemaster Switch Corpo...
T-91-SC36 LINEMASTER-T-91-SC36 Datasheet
741Kb / 4P
TREADLITE II FOOTSWITCH
More results

Similar Description - T-91-SC3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG3000 VISHAY-DG3000 Datasheet
72Kb / 9P
Low-Voltage Single SPDT MICRO FOOT Analog Switch
26-Aug-02
logo
Bud Industries, Inc.
F-3581 BUD-F-3581 Datasheet
14Kb / 1P
RUBBER FOOT
F-8038 BUD-F-8038 Datasheet
13Kb / 1P
RUBBER FOOT
F-9653 BUD-F-9653 Datasheet
13Kb / 1P
RUBBER FOOT
logo
Molex Electronics Ltd.
0011200739 MOLEX11-0011200739 Datasheet
115Kb / 4P
PNEUMATIC BENCH TERMINATOR ASSEMBLY w/FOOT SWITCH
logo
SparkFun Electronics
COM-11192 SPARKFUN-COM-11192 Datasheet
141Kb / 1P
Foot Pedal Switch
5??5??7
logo
Festo Corporation.
8984 FESTO-8984 Datasheet
97Kb / 1P
Foot valve
4/10/22
8992 FESTO-8992 Datasheet
96Kb / 1P
Foot valve
4/10/2
logo
List of Unclassifed Man...
6210-0B ETC-6210-0B Datasheet
122Kb / 1P
Foot Bellows
2010
logo
Highly Electric Co., Lt...
EFS-A HIGHLY-EFS-A Datasheet
443Kb / 2P
FOOT SWITCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com