Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVL32253 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AVL32253
Description  Subminiature Size Switches with Excellent Operating Position Accuracy
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AVL32253 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AVL32253 Datasheet HTML 1Page - Panasonic Semiconductor AVL32253 Datasheet HTML 2Page - Panasonic Semiconductor AVL32253 Datasheet HTML 3Page - Panasonic Semiconductor AVL32253 Datasheet HTML 4Page - Panasonic Semiconductor AVL32253 Datasheet HTML 5Page - Panasonic Semiconductor AVL32253 Datasheet HTML 6Page - Panasonic Semiconductor AVL32253 Datasheet HTML 7Page - Panasonic Semiconductor AVL32253 Datasheet HTML 8Page - Panasonic Semiconductor AVL32253 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AV3/AVM3/AVT3/AVL3 (FS/FS-T) Subminiature Switches
–4–
AECTB10E 201601-T
■ FS-T type Standard version (Cross-line terminal type)
1) AgNi alloy contact type
2) CuNi alloy + AgNi alloy + Au-clad triple layer contact type
3) CuNi alloy + Au-clad double layer contact type, for low-level circuit
Actuator
Operating Force
OF, Max.
Part No.
Solder terminal
PC board terminal
.110 Quick-connect
Pin plunger
0.49N
AVT32023
AVT34023
AVT38023
0.98N
AVT32043
AVT34043
AVT38043
Short hinge lever
0.20N
AVT32123
AVT34123
AVT38123
0.39N
AVT32143
AVT34143
AVT38143
Hinge lever
0.16N
AVT32223
AVT34223
AVT38223
0.34N
AVT32243
AVT34243
AVT38243
Long hinge lever
0.12N
AVT32323
AVT34323
AVT38323
0.25N
AVT32343
AVT34343
AVT38343
Simulated roller lever
0.16N
AVT32423
AVT34423
AVT38423
0.34N
AVT32443
AVT34443
AVT38443
Roller lever
0.20N
AVT32523
AVT34523
AVT38523
0.39N
AVT32543
AVT34543
AVT38543
Actuator
Operating Force
OF, Max.
Part No.
Solder terminal
PC board terminal
.110 Quick-connect
Pin plunger
0.25N
AVT3200613
AVT3400613
AVT3800613
0.49N
AVT3202613
AVT3402613
AVT3802613
0.98N
AVT3204613
AVT3404613
AVT3804613
Short hinge lever
0.098N
AVT3210613
AVT3410613
AVT3810613
0.20N
AVT3212613
AVT3412613
AVT3812613
0.39N
AVT3214613
AVT3414613
AVT3814613
Hinge lever
0.078N
AVT3220613
AVT3420613
AVT3820613
0.16N
AVT3222613
AVT3422613
AVT3822613
0.34N
AVT3224613
AVT3424613
AVT3824613
Long hinge lever
0.12N
AVT3232613
AVT3432613
AVT3832613
0.25N
AVT3234613
AVT3434613
AVT3834613
Simulated roller lever
0.16N
AVT3242613
AVT3442613
AVT3842613
0.34N
AVT3244613
AVT3444613
AVT3844613
Roller lever
0.20N
AVT3252613
AVT3452613
AVT3852613
0.39N
AVT3254613
AVT3454613
AVT3854613
Actuator
Operating Force
OF, Max.
Part No.
Solder terminal
PC board terminal
.110 Quick-connect
Pin plunger
0.25N
AVT3200649
AVT3400649
AVT3800649
0.49N
AVT3202649
AVT3402649
AVT3802649
0.98N
AVT3204649
AVT3404649
AVT3804649
Short hinge lever
0.098N
AVT3210649
AVT3410649
AVT3810649
0.20N
AVT3212649
AVT3412649
AVT3812649
0.39N
AVT3214649
AVT3414649
AVT3814649
Hinge lever
0.078N
AVT3220649
AVT3420649
AVT3820649
0.16N
AVT3222649
AVT3422649
AVT3822649
0.34N
AVT3224649
AVT3424649
AVT3824649
Long hinge lever
0.12N
AVT3232649
AVT3432649
AVT3832649
0.25N
AVT3234649
AVT3434649
AVT3834649
Simulated roller lever
0.16N
AVT3242649
AVT3442649
AVT3842649
0.34N
AVT3244649
AVT3444649
AVT3844649
Roller lever
0.20N
AVT3252649
AVT3452649
AVT3852649
0.39N
AVT3254649
AVT3454649
AVT3854649



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com