Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS8101FUG/AM Datasheet(PDF) 15 Page - NXP Semiconductors

Part # HTMS8101FUG/AM
Description  HITAG μ transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS8101FUG/AM Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button HTMS8101FUG/AM Datasheet HTML 11Page - NXP Semiconductors HTMS8101FUG/AM Datasheet HTML 12Page - NXP Semiconductors HTMS8101FUG/AM Datasheet HTML 13Page - NXP Semiconductors HTMS8101FUG/AM Datasheet HTML 14Page - NXP Semiconductors HTMS8101FUG/AM Datasheet HTML 15Page - NXP Semiconductors HTMS8101FUG/AM Datasheet HTML 16Page - NXP Semiconductors HTMS8101FUG/AM Datasheet HTML 17Page - NXP Semiconductors HTMS8101FUG/AM Datasheet HTML 18Page - NXP Semiconductors HTMS8101FUG/AM Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.4 — 21 May 2015
152934
15 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
The steps necessary to transfer the HITAG
 transponder IC into the data exchange mode
are shown in Figure 3. The downlink communication takes place in period C and D. The
example in Figure 3 shows two data blocks (#1 and #2) being selected by the RWD, which
then are transmitted by the HITAG µ transponder IC.
Fig 3.
RF interface for HITAG µ
Table 9.
RF interface for HITAG µ
Cycle A:
The
RWD reads the ISO 11785 frame.
Cycle B:
The
RWD switches off the interrogation field for at least 5 ms in order to reset the
HITAG µ transponder IC.
Cycle C:
The
RWD sends either the SOF at the start of a valid request or the SWITCH
command to the
HITAG µ transponder IC in order to put it into the data exchange
mode. Any of these has to be issued within the switch window after reset - as
defined in Section 11.2 “Mode switching protocol”
Cycle D:
Read/Write (for
HITAG µ transponder ICs) or Inventory (HITAG µ
advanced/advanced+ transponder ICs) operation in the data exchange mode.
Cycle E:
After all operations are finished or the
HITAG µ transponder IC left the antenna
field, the
RWD switches off the field for at least 5 ms in order to poll for new
incoming HITAG µ or HITAG µ advanced/advanced+.
001aaj824
5 .. 20 ms
5 .. 20 ms
time
min 5 ms
ISO11785
ISO11785
HITAG
μ
reader
field
HITAG
μ
response
AB
C
D
D
E
A
B
A
ISO11785
ISO11785
#1
#2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com