Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2816503 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 2816503
Description  Hypodermic Tip Thermocouple, PTFE- IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2816503 Datasheet(HTML) 2 Page - Labfacility Ltd

  2816503 Datasheet HTML 1Page - Labfacility Ltd 2816503 Datasheet HTML 2Page - Labfacility Ltd 2816503 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-32
Nov-23
Specifications
Sensor Type
chisel point Thermocouple
Thermocouple Type
T
Thermocouple Junction
Grounded hot junction
Probe Diameter
1.6mm
Probe Length
100mm
Sheath Material
316 stainless steel sheath
Cable Length
1.5m
Cable Type
PTFE insulated cable
Core / Strands
7/0.2mm
Termination Type
Bare wire tails (+Brown/-White)
Max. Temperature
+250°C
Min. Temperature
-75°C
Ordering Information
Thermocouple
Type
Cable
Length
Diameter x
Length
Termination
Manufacturers
Code
Farnell
Order Code
T
1.5m
1.6 x
100mm
Bare Tails
T Hypodermic T/C
IEC Colors
2816503



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com