Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2816506 Datasheet(PDF) 1 Page - Labfacility Ltd

Part # 2816506
Description  Platinum Resistance Pt100 Industrial Probe with Lagging Extension
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2816506 Datasheet(HTML) 1 Page - Labfacility Ltd

  2816506 Datasheet HTML 1Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
•
Heavy duty Pt100 probe with lagging extension
•
IP67 aluminium alloy weatherproof connec on head
•
Class B, 4 wire connec on
•
Available in lengths (‘L1’) of 150, 250 & 500mm
•
1/2"BSP parallel process connec on
•
75mm lagging length
•
Sensor temperature ra ng -
50°C to +450°C
•
Conforms to IEC 751
Sensor type:
Pt100 (100 Ohms @ 0°C) to IEC 751
Tolerance class:
Class B
Connec on:
4 wire single element
Construc on:
All welded stainless steel pocket assembly with removable probe insert
8.0mmØ 316 stainless steel below 1/2”BSP parallel process connec on 1/2"
diameter x 75mm lagging length to underside of connec on head
Termina on:
IP67 aluminium alloy weatherproof connec on head
Insert:
6.0mm diameter 316 stainless steel terminated with spring loaded ceramic
connec on block
Process connec on:
1/2"BSP parallel
Cable connec on:
M20 x 1.5mm cable entry (gland included)
Probe temperature range: -
50°C to +450°C (connec on head @ 170°C)
Pla num Resistance Pt100 Industrial Probe with Lagging Extension
Formed in 1971, Labfacility
specialize in the field of
Temperature and Process
Measurement.
We are the largest UK
manufacturer of both
temperature sensors and
thermocouple connectors.
Quality and Service are key
elements in the con nued growth
of Labfacility.
Technical support is always freely
available from our
experienced technical sales teams
and the company has ISO9001
accredita on.
temperature and process technology
Contact Details
Email
sales@labfacility.com
Website
www.labfacility.com
FAR183-0
320 Pla num Resistance Pt100 Industrial Probe with Lagging Extension
DiaØ
Length ‘L1’
Insert DiaØ
Length ‘L2’
Order code
8.0mm
150mm
6.0mm
275mm
2816504
8.0mm
250mm
6.0mm
375mm
2816505
8.0mm
500mm
6.0mm
625mm
2816506


Similar Part No. - 2816506

ManufacturerPart #DatasheetDescription
logo
Labfacility Ltd
2816500 LABFACILITY-2816500 Datasheet
396Kb / 1P
Platinum Resistance Pt100 Probe with Terminal Head
2816501 LABFACILITY-2816501 Datasheet
396Kb / 1P
Platinum Resistance Pt100 Probe with Terminal Head
2816502 LABFACILITY-2816502 Datasheet
396Kb / 1P
Platinum Resistance Pt100 Probe with Terminal Head
2816503 LABFACILITY-2816503 Datasheet
669Kb / 3P
Hypodermic Tip Thermocouple, PTFE- IEC
Nov-23
2816508 LABFACILITY-2816508 Datasheet
400Kb / 1P
Platinum Resistance Pt100 4 wire class B Resistance Thermometer with DIN B Head
More results

Similar Description - 2816506

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
22810 RHOPOINT-22810 Datasheet
126Kb / 1P
PT100 Platinum resistance temperature detector
logo
Fuji Electric
EDS2-15F FUJI-EDS2-15F Datasheet
252Kb / 4P
OPTICAL PLATINUM RESISTANCE BULB TEMPERATURE TRANSMITTER
EDS2-21C FUJI-EDS2-21C Datasheet
340Kb / 10P
PLATINUM RESISTANCE BULB FOR GENERAL USE
EDS2-24A FUJI-EDS2-24A Datasheet
83Kb / 2P
SHEATH TYPE PLATINUM RESISTANCE THERMOMETER BULB
logo
List of Unclassifed Man...
DM-315 ETC2-DM-315 Datasheet
131Kb / 2P
PT100 PLATINUM SENSING RESISTORS
logo
RHOPOINT COMPONENTS
22810-1-B RHOPOINT-22810-1-B Datasheet
80Kb / 1P
Platinum Resistance Temperature Detector
logo
Hubbell Incorporated.
C3090033 HUBBELL-C3090033 Datasheet
355Kb / 1P
Anchor, Tool, Probe extension only
logo
PHOENIX CONTACT
2906918 PHOENIX-2906918 Datasheet
79Kb / 4P
Extension module - PLC-ASC-PT100-IN
09/12/2020
2906919 PHOENIX-2906919 Datasheet
79Kb / 4P
Extension module - PLC-APT-PT100-IN
09/12/2020
logo
List of Unclassifed Man...
MIKROE-2885 ETC-MIKROE-2885 Datasheet
362Kb / 2P
PT100 3 wire temperature probe
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com