Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2G66 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74V2G66
Description  DUAL BILATERAL SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G66 Datasheet(HTML) 2 Page - STMicroelectronics

  74V2G66 Datasheet HTML 1Page - STMicroelectronics 74V2G66 Datasheet HTML 2Page - STMicroelectronics 74V2G66 Datasheet HTML 3Page - STMicroelectronics 74V2G66 Datasheet HTML 4Page - STMicroelectronics 74V2G66 Datasheet HTML 5Page - STMicroelectronics 74V2G66 Datasheet HTML 6Page - STMicroelectronics 74V2G66 Datasheet HTML 7Page - STMicroelectronics 74V2G66 Datasheet HTML 8Page - STMicroelectronics 74V2G66 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74V2G66
2/9
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
* : High Impedance State
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
RECOMMENDED OPERATING CONDITIONS
1) VIN from 30% to 70% of VCC on control pin
PIN No
SYMBOL
NAME AND FUNCTION
1, 5
1I/O, 2I/O
Independent Input/Output
2, 6
1O/I, 2O/I
Independent Output/Input
7, 3
1C, 2C
Enable Input (Active
HIGH)
4
GND
Ground (0V)
8
VCC
Positive Supply Voltage
CONTROL
SWITCH FUNCTION
HON
L
OFF *
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VIC
DC Control Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IIK
DC Control Input Diode Current
-20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 5.5
V
VI
Input Voltage
0 to VCC
V
VIC
Control Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 1) VCC = 5.0V
0 to 20
ns/V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com