Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOT23-8L Datasheet(PDF) 3 Page - STMicroelectronics

Part # SOT23-8L
Description  DUAL BILATERAL SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOT23-8L Datasheet(HTML) 3 Page - STMicroelectronics

  SOT23-8L Datasheet HTML 1Page - STMicroelectronics SOT23-8L Datasheet HTML 2Page - STMicroelectronics SOT23-8L Datasheet HTML 3Page - STMicroelectronics SOT23-8L Datasheet HTML 4Page - STMicroelectronics SOT23-8L Datasheet HTML 5Page - STMicroelectronics SOT23-8L Datasheet HTML 6Page - STMicroelectronics SOT23-8L Datasheet HTML 7Page - STMicroelectronics SOT23-8L Datasheet HTML 8Page - STMicroelectronics SOT23-8L Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74V2G66
3/9
DC SPECIFICATIONS
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5V
± 0.5V
AC ELECTRICAL CHARACTERISTICS (CL = 50pF, Input tr =tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
2.0
1.5
1.5
1.5
V
2.7 to
5.5
0.7VCC
0.7VCC
0.7VCC
VIL
Low Level Input
Voltage
2.0
0.5
0.5
0.5
V
2.7 to
5.5
0.3VCC
0.3VCC
0.3VCC
RON
ON Resistance
3.3(*)
VIC =VIH
VI/O =VCC to GND
II/O ≤ 1mA
12.5
19
23
27
Ω
5.0(**)
7.5
10
12
14
RON
ON Resistance
3.3(*)
VIC =VIH
VI/O =VCC or GND
II/O ≤ 1mA
8.5
10.5
12.5
15
Ω
5.0(**)
6.5
8.5
10
12
IOFF
Input/Output
Leakage Current
(SWITCH OFF)
5.5
VOS =VCC to GND
VIS =VCC to GND
VIC =VIL
±0.1
± 1
± 5
µA
IIZ
Switch Input
Leakage Current
(SWITCH ON,
OUTPUT OPEN)
5.5
VOS =VCC to GND
VIC =VIH
±0.1
± 1
± 5
µA
IIN
Control Input
Leakage Current
0to
5.5
VIC = 5.5V or GND
± 0.1
± 1.0
± 1.0
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
110
20
µA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPD
Delay Time
3.3(*)
tr =tf =6ns
0.4
0.8
1.2
2.4
ns
5.0(**)
0.3
0.6
1.0
2.0
tPLZ
tPHZ
Output Disable
Time
3.3(*)
RL = 500 Ω
5.0
7.5
9.0
10.0
ns
5.0(**)
5.0
7.5
9.0
10.0
tPZL
tPZH
Output Enable
Time
3.3(*)
RL =1 KΩ
2.5
4.0
5.0
7.0
ns
5.0(**)
2.0
4.0
5.0
7.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com