Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2816525 Datasheet(PDF) 2 Page - Labfacility Ltd

Part # 2816525
Description  Bolt Thermocouple, Glassfibre Stainless Steel Over Braided Cable - IEC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

2816525 Datasheet(HTML) 2 Page - Labfacility Ltd

  2816525 Datasheet HTML 1Page - Labfacility Ltd 2816525 Datasheet HTML 2Page - Labfacility Ltd 2816525 Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
TC-5
Nov-23
Bolt sensors are generally screwed into the surface which
normally increases the speed of response and sensitivity of the
measurement. Suitable for use up to +250°C.
Specifications
Thermocouple Type
K or J
Thermocouple
Junction
Bolts have grounded junctions
Cable Length
2m
Cable Type
Glassfibre stainless steel over braided cable
Cable Termination
Bare Tails
Max. Temperature
+250°C
Standards Met
IEC
Bolt thread/pitch
M8 x 1mm / M10 x 1mm / M12 x 1mm
Colour
Positive: Green / Negative: White
Length
Bolt length: 13mm or 25mm
Ordering Information
Type Cable
Length
Bolt
thread/pitch
Bolt
length
Termination
Manufacturers Code
Farnell
Order
Code
K
2m
M8 x 1mm
13mm
Bare Tails
BT-GSK-M8F-13-2.0-C4-T-I 3514818
K
2m
M8 x 1mm
25mm
Bare Tails
BT-GSK-M8F-25-2.0-C4-T-I 2816525
K
2m
M10 x 1mm
13mm
Bare Tails
BT-GSK-M10F-13-2.0-C4-T-I 3514819
K
2m
M10 x 1mm
25mm
Bare Tails
BT-GSK-M10F-25-2.0-C4-T-I 3514820
K
2m
M12 x 1mm
13mm
Bare Tails
BT-GSK-M12F-13-2.0-C4-T-I 3514822
K
2m
M12 x 1mm
25mm
Bare Tails
BT-GSK-M12F-25-2.0-C4-T-I 3514823
J
2m
M8 x 1mm
13mm
Bare Tails
BT-GSJ-M8F-13-2.0-C4-T-I
3514812
J
2m
M8 x 1mm
25mm
Bare Tails
BT-GSJ-M8F-25-2.0-C4-T-I
3514813
J
2m
M10 x 1mm
13mm
Bare Tails
BT-GSJ-M10F-13-2.0-C4-T-I 3514814
J
2m
M10 x 1mm
25mm
Bare Tails
BT-GSJ-M10F-25-2.0-C4-T-I 3514815
J
2m
M12 x 1mm
13mm
Bare Tails
BT-GSJ-M12F-13-2.0-C4-T-I 3514816
J
2m
M12 x 1mm
25mm
Bare Tails
BT-GSJ-M12F-25-2.0-C4-T-I 3514817



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com