Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WV-100/25M Datasheet(PDF) 2 Page - Labfacility Ltd

Part # WV-100/25M
Description  IEC Type VX (KCB) PVC Insulated Flat Pair Thermocouple Cable / Wire for use with Type K Thermocouple Cable / Wire
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

WV-100/25M Datasheet(HTML) 2 Page - Labfacility Ltd

  WV-100/25M Datasheet HTML 1Page - Labfacility Ltd WV-100/25M Datasheet HTML 2Page - Labfacility Ltd WV-100/25M Datasheet HTML 3Page - Labfacility Ltd WV-100/25M Datasheet HTML 4Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Datasheet
TC Cable - 54
Nov-23
This Compensating cable is for use with type K thermocouples and resembles the
thermoelectric characteristic of the relevant thermocouple over a limited ambient
temperature range, 0° to 80°C typically. Since these cables are made from low cost
materials, cost savings can be achieved on plant installations compared with running
true thermocouple extension cable.
Specifications
General Description
Good general purpose insulation for 'light'
environments. Waterproof and very flexible.
Cable Length
10, 25, 50, 100, 200m
Cable Type
Flat pair construction
Core / Strands
7/0.2mm or 13/0.2mm
Conductor Cross Section 7/0.2 (mm2)
0.219
Conductor Cross Section 13/0.2 (mm2)
0.408
Outer Colour
Green
+ Colour
Green
- Colour
White
Insulation Material
PVC Insulated
Loop Resistance 7/0.2
(Ohms per combined metre)
2.3
Loop Resistance 13/0.2
(Ohms per combined metre)
1.2
Max. Temperature
+105°C
Min. Temperature
-10°C
+ Conductor
Copper
- Conductor
Constantan
Screen
No
Standards Met
Colour code (cores & jacket) to IEC-584-3
Thermocouple Type
VX (KCB)
Tolerance
Class 2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com