Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4154 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # LL4154
Description  Fast Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

LL4154 Datasheet(HTML) 2 Page - Vaishali Semiconductor

  LL4154_04 Datasheet HTML 1Page - Vaishali Semiconductor LL4154_04 Datasheet HTML 2Page - Vaishali Semiconductor LL4154_04 Datasheet HTML 3Page - Vaishali Semiconductor LL4154_04 Datasheet HTML 4Page - Vaishali Semiconductor LL4154_04 Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
2
Document Number 85560
Rev. 1.6, 06-Apr-04
VISHAY
LL4154
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 30 mA
VF
1V
Reverse current
VR = 25 V
IR
100
nA
VR = 25 V, Tj = 150 °C
IR
100
µA
Breakdown voltage
IR = 5 µA, tp/T = 0.01, tp = 0.3 ms
V(BR)
35
V
Diode capacitance
VR = 0, f = 1 MHz, VHF = 50 mV
CD
4pF
Reverse recovery time
IF = IR = 10 mA, iR = 1mA
trr
4ns
IF = 10 mA, VR = 6 V,
iR = 0.1 x IR, RL = 100 Ω
trr
2ns
Fig. 1 Reverse Current vs. Junction Temperature
Fig. 2 Forward Current vs. Forward Voltage
0
40
80
120
160
0.01
0.1
1
10
100
Tj - Junction Temperature ( °C)
200
94 9154
VR =25V
Scattering Limit
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
V - Forward Voltage(V)
2.0
94 9152
F
T= 25
°C
j
T = 100
°C
j
Fig. 3 Diode Capacitance vs. Reverse Voltage
0.1
1
10
0
0.5
1.0
1.5
2.0
3.0
VR - Reverse Voltage(V)
100
94 9156
2.5
f=1MHz
Tj =25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com