Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069322 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1069322
Description  Cable connector - M23-12S2N8A80DUS - 1069322
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069322 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1069322 Datasheet HTML 1Page - PHOENIX CONTACT 1069322 Datasheet HTML 2Page - PHOENIX CONTACT 1069322 Datasheet HTML 3Page - PHOENIX CONTACT 1069322 Datasheet HTML 4Page - PHOENIX CONTACT 1069322 Datasheet HTML 5Page - PHOENIX CONTACT 1069322 Datasheet HTML 6Page - PHOENIX CONTACT 1069322 Datasheet HTML 7Page - PHOENIX CONTACT 1069322 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
https://www.phoenixcontact.com/gb/products/1069322
01/18/2022   Page 3 / 8
Cable connector - M23-12S2N8A80DUS - 1069322
Technical data
Data of the insulating body
Litz wire cross section of signal contacts max.
1 mm²
Nominal current per signal contact
8 A
Note
for max. connection cross section
Rated voltage of signal contact
150 V
Rated surge voltage
2.5 kV
Overvoltage category
III
Degree of pollution
3
Note
for max. connection cross section
Installation height
2000 m
Housing data
Housing material
GD-Zn
Type of locking
ONECLICK fast locking system
Degree of protection (when plugged in)
IP66 / IP68 (2m / 24h) / IP69K
Thread type
M23
Cable seal data
Cable diameter
3 mm ... 15 mm (Universal gasket)
Sealing material
FKM
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Schematic diagram
N
7
5
4
8
9
12
10
11
SO
3
2
1
6
Diagram
0 10 20 30 40 50 60 70 80 90 100 110120 130
0
5
10
15
= 12x1,0 mm2
[°C]
I = current strength, ϑ = ambient temperature, 12x 8 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com