Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS1088A-RDB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LS1088A-RDB
Description  Layerscape LS1088A Reference Design Board
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1088A-RDB Datasheet(HTML) 3 Page - NXP Semiconductors

  LS1088A-RDB Datasheet HTML 1Page - NXP Semiconductors LS1088A-RDB Datasheet HTML 2Page - NXP Semiconductors LS1088A-RDB Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Supported Devices
Processors and Microcontrollers
Layerscape Processors
LS1088A (/products/processors-and-microcontrollers/arm-processors/layerscape-
processors/layerscape-1088a-and-1048a-processor:LS1088A): Layerscape 1088A and
1048A Processor
Features
Processor
LS1088A eight-core processor based on Arm Cortex -A53
Speed up to 1.8GHz
2MB L2 Cache
Neon SIMD
Memory
SDRAM Supporting dual ranked DIMM slot
One x DDR4 uDIMM/RDIMM x72, 2.1 GT/s data rate, ECC enable
2GB NAND flash with ECC support
QSPI Support
2 devices up to 64 MB
SD slots supporting:
External cards
UHS-1 modes: SDR12, SDR25, SDR50, SDR104, DDR50
On-board eMMC supporting:
8GB memory
HS-200 + DDR modes
Ethernet
Support for up to 4-ports of 1 GbE, (4xRJ45), SFP+
Support 1-port of 10GbE (1xRJ45))
Basic Peripherals and
Interconnect
PCI Express
One standard slot x1 PCIe connector supporting PCIe Gen3
Two mini PCIe slots (PCIe Gen3) supporting horizontal and
vertical configuration
USB 3.0
Two USB 3.0 ports with one type A connector and one type
micro-AB connector on the front panel connected to a USB
PHY supporting Host Mode and OTG Mode
SATA
1xSATA connector
®
®
®
Overview
Product Details
Documentation
 
Design Resources
Support
BUY OPTIONS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com