Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSXSR1CS12ZVM Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MCSXSR1CS12ZVM
Description  MOTOR CONTROL EVALUATION BOARD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCSXSR1CS12ZVM Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MCSXSR1CS12ZVM Datasheet HTML 2Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 3Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 4Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 5Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 6Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 7Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 8Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 9Page - NXP Semiconductors MCSXSR1CS12ZVM Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
STEP-BY-STEP INSTRUCTIONS
1 Download
Software
Download installation software
and documentation at
nxp.com/MCSXSR1CS12ZVM.
2 Install CodeWarrior for
MCUs 11.x IDE
Download and install CodeWarrior for
MCUs IDE version 11.0 or higher available
at nxp.com/codewarrior.
3 Install
FreeMASTER
Download and install FreeMASTER run-
time debugging tool available at
nxp.com/FreeMASTER.
4 Jumper
Settings
Ensure default MCSXSR1CS12ZVM jumper
options (see page 9)
5 Connect the
Power Supply
Connect appropriate 12 V power supply
(8-18 V range or 3.5-18 V range with boost
option enabled) to the power supply
terminals J3 and J4 using M5 ring-eye
connector and proper wiring (10 A/mm2
max).
6 Connect the
USB Cable
Connect MCSXSR1CS12ZVM to the PC
using the USB cable. Allow the PC to
automatically configure the USB drivers if
needed.
7 Connect the
Motor
Connect your motor to the output
terminals J66, J67 and J68 using M5 ring-
eye connector and proper wiring
(10 A/mm2 max).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com