Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1201KSO2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # RHF1201KSO2
Description  Rad-hard 12-bit 0.5 to 50 Msps A/D converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1201KSO2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RHF1201KSO2 Datasheet HTML 9Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 10Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 11Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 12Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 13Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 14Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 15Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 16Page - STMicroelectronics RHF1201KSO2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RHF1201
Application information
13/18
7.4
Clock input
The quality of your converter is very dependent on your clock input accuracy, in terms of
aperture jitter; the use of a low jitter crystal controlled oscillator is recommended.
Further points to consider in your implementation are:
●
The input signal must be square-shaped with sharp edges of less than 1 ns.
●
At 45 Msps, the duty cycle must be between 45% and 65%; in any case, the high level
duration of Clock must be longer than 10 ns.
●
The clock power supplies must be independent from the ADC output supplies to avoid
digital noise modulation on the output.
●
When powered-on, the circuit needs several clock periods to reach its normal operating
conditions.
7.5
Power consumption optimization
The internal architecture of the RHF1201 makes it possible to optimize power consumption
according to the sampling frequency of the application. For this purpose, an External Rpol
resistor is placed between the IPOL pin and the analog Ground. Therefore, the total
dissipation can be adjusted across all the sampling range 0.5 Msps to 50 Msps to fulfil the
requirements of applications where power saving is a must.
For low sampling frequency, this value of resistor may be adjusted in order to decrease the
analog current without any degradation of dynamic performance.
Table 11 sums up the relevant data.
7.6
Layout precautions
●
Use of dedicated ground planes (analog, digital, internal and external buffer ones) on
the PCB is recommended for high speed circuit applications to provide low inductance
and low resistance common return.
●
The separation of the analog signal from the digital output part is mandatory to prevent
noise from coupling onto the input signal.
●
Power supply bypass capacitors must be placed as close as possible to the IC pins in
order to improve high frequency bypassing and reduce harmonic distortion.
●
All leads must be wide and as short as possible especially for the analog input in order
to decrease parasitic capacitance and inductance.
●
Keep the capacitive loading as low as possible at digital outputs, short lead lengths of
routing are essential to minimize currents when the output changes.
●
Choose component sizes as small as possible (SMD).
Table 11.
Total power consumption optimization depending on Rpol value
FS (Msps)
0.85
1.7
13.6
45
50
Rpol (kΩ)
100
70
35
24
18
Optimized power (mW)
44
47
60
93
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com