Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

631902 Datasheet(PDF) 2 Page - Stannol GmbH & Co KG

Part # 631902
Description  Lead-Free Alloys for Electronics
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANNOL [Stannol GmbH & Co KG]
Direct Link  https://www.stannol.de/en/
Logo STANNOL - Stannol GmbH & Co KG

631902 Datasheet(HTML) 2 Page - Stannol GmbH & Co KG

  631902 Datasheet HTML 1Page - Stannol GmbH & Co KG 631902 Datasheet HTML 2Page - Stannol GmbH & Co KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The above values are typical and represent no form of specification. The Data Sheet serves for information purposes. Any verbal or written advise is not binding for
the company, whether such information originates from the company offices or from a sales representative. This is also in respect of any protection rights of third
parties , and does not release the customer from the responsibility of verifying the products of the company for suitability of use for the intended process or
purpose. Should any liability on the part of the company arise, the company will only indemnify for loss or damage to the same extent as for defects in quality.
TDB_ME_ECOLOY_TSC_EN
Page 2 of 2
Issue: 03.09.04
STANNOL GmbH
Oskarstraße 3-7
• 42283 Wuppertal • Tel. +49 (0)202-585-0 • Telefax +49 (0)202-585111 • E-Mail info@stannol.de • Web www.stannol.de
Wenn’s ums Löten geht
When it’s about soldering
Quand il s’agit du soudage
Physi cal and mechanical properties of lead-free ECOLOY
®
alloys compared with S-Sn63Pb37:
Properties
STANNOL
®
ECOLOY
® TSC
Sn63Pb37
Sn96Ag4
ECOLOY
® TS
Sn99Cu1
ECOLOY
® TC
Melting point, °C
217
183
221
227
Electrical Conductivity, %IACS
13
11,9
14
-
Electrical Resistively, µ
Ω
Ω cm
13
14,5
12,3
-
Brinell Hardness, HB
15
17
15
-
Density, g mm
-3
7,5
8,4
7,5
7,3
Tensile strength, (20°C)
N mm
-2
at 0,004 s
-1
strain rate
48
40
58
-
Joint shear strength
N mm
-2
at 0,1mm
-1
, 20°C
N mm
-2
at 0,1mm
-1
, 100°C
27
17
23
14
27
17
23
16
Creep strength*
N mm
-2
20°C
N mm
-2
100°C
13,0
5,0
3,3
1,0
13,7
5,0
8,6
2,1
*shear stress for 10
3 hours to failure
Recommended operating conditions:
Wave soldering
STANNOL
® ECOLOY® TSC0,5
Low copper content for wave applications is preferred because of copper leaching from the PCB. The copper
content will rise automatically, therefore extended life-time of the solder bath is expected.
The use of ECOLOY
® TSC0,5 for solder bath application requires operating temperatures of approx. 260 to
280°C. It is necessary to find out the optimum temperatures, which can differ depending on the type of PCB and
the types of components. The use of nitrogen as a protecting atmosphere is advantageous allowing to open the
process window. The wetting of the solder and the separation of wave and joint will be easier. No excess solder
will be left. Dross formation is considerably reduced.
Liquid flux for wave soldering
In principle common liquid fluxes can be used for lead-free wave soldering. Adjustment of solid content may be
necessary. Increased preheat and solder pot temperature requires better heat resistant and temperature stable
flux formulation which can be achieved with an increased solid content. A complete ecological solution can be
installed using VOC-free fluxes, e.g. STANNOL
® WF300S. Water based fluxes require proper adjustment of the
process conditions.
Rework and manual soldering
STANNOL
® ECOLOY® TSC is available as solder wire to complete all soldering processes which are possible on
a PCB to avoid having different solder alloys on one board. Only one unique solder alloy guarantees similar
properties of all solder joints.
Solid solder as well as flux cored solder are available. Flux formulations and flux content adjusted for a lead-free
process provide easy soldering in post production soldering and repair.
Components which are not available with lead-free coated pins can be soldered, but dependent on the lead
content it is possible that the melting range starts at 179°C, which is the solidus of the tin-lead-silver alloy system.
Health and Safety
Information on health and safety and disposal are provided by our EU-MSDS which is available on request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com