Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

559-0102-007F. Datasheet(PDF) 2 Page - Dialight Corporation

Part # 559-0102-007F.
Description  Snap-in LED .250" (6.35 mm) Mounting Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

559-0102-007F. Datasheet(HTML) 2 Page - Dialight Corporation

  559-0102-007F. Datasheet HTML 1Page - Dialight Corporation 559-0102-007F. Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dialight_PMI_data_559_Jun2019
www.dialightsignalsandcomponents.com
Dialight reserves the right to make changes at any time in order to supply the best product possible. The most current version of this document will always be available at:
www.dialightsignalsandcomponents.com
Warranty Statement: Except for the warranty expressly provided for [herein/above/below], Dialight disclaims any and all other warranties, express or implied, including, without limitation, any warranties of merchantability, fitness
for a particular purpose, title, and noninfringement.
Ordering Information 559 Series
5 5 9 - X X X X - 0 X X F
LED Code (see below)
Wire Code
Termination Code
Standard
0
Straight Terminals
1
PVC Free
2
24 AWG 6" wire leads
3
24 AWG 14" wire leads
7
Part Number Guide
LED
Code
Color
Peak
Wavelength (nm)
Intensity Typ.
(mcd)
If Typ.
(mA)
Vf Typ.
(V DC)
Viewing
Angle
Max DC Forward
Current (mA)
Type
Operating Temp
5501
 Red
635
125
20
2.2
24
30
Non-Tinted /
Non-Diffused
-55 °C to +100 °C
5601
 Green
565
120
2.3
24
30
-20 °C to +100 °C
5701
 Yellow
583
140
2.1
24
20
-55 °C to +100 °C
5801
 Orange
605
90
2.2
20
50
-30 °C to +85 °C
5901
 Yellow
592
3100
2
15
50
-40 °C to +100 °C
6001
 Blue
470
1500
3.6
30
30
-30 °C to +85 °C
6101
 Red
635
2100
1.9
15
50
-40 °C to +100 °C
6201
 Green
525
5000
3.2
30
30
-30 °C to +85 °C
6301
 Orange
609
4000
1.9
15
50
-40 °C to +100 °C
6401
 White
X = .31 Y = .32
2500
3.2
50
30
-30 °C to +85 °C
1101
 Red
635
2.3
2
1.7
50
7
Low Current Diffused
-55 °C to +100 °C
1201
 Yellow
583
1.8
1.9
50
7
1301
 Green
565
1.8
1.8
50
7
2101
 Red
650
6.3
10
2.2
50
20
Diffused
-25 °C to +85 °C
2201
 Green
563
10
2.1
65
25
2301
 Yellow
585
29
1.9
50
20
-55 °C to +100 °C
2501
 Orange
600
7
1.9
60
30
5101
 Red
650
34
20
2.1
50
25
5201
 Green
563
34
2.2
50
25
5301
 Yellow
585
34
2.2
50
25
5401
 Orange
610
34
2.2
50
25
-20 °C to +85 °C
0102
 Red
635
8
10
5
60
15
5V Integral Resistor
-40 °C to +85 °C
0202
 Green
565
8
12
5
60
15
-20 °C to +85 °C
0302
 Yellow
583
8
10
5
60
15
-40 °C to +85 °C
0103
 Red
635
8
13
12
60
15
12V Integral Resistor
-55 °C to +100 °C
0203
 Green
565
8
12
60
15
-20 °C to +85 °C
0303
 Yellow
583
8
12
60
15
-40 °C to +85 °C
5904
 Yellow
592
3100
20
24
15
50
24V Integral Resistor
-30 °C to +85 °C
6104
 Red
635
2100
24
15
50
6204
 Green
525
5000
24
30
50
3001
 Red / Green
660 / 565
90 / 40
1.8 / 2.1
60
40 / 30
2 leaded Bi-color
-55 °C to +100 °C
3201
 Yellow / Green
589 / 571
30/50
2.1 / 2.1
50
20
-30 °C to +85 °C
3501
 Red / Green
635 / 565
5.0 / 8.0
10
2.1 / 2.3
65
30
3 leaded Bi-color
-20 °C to +85 °C
3601
 Yellow / Green
590 / 568
9 /13.5
2 / 2.1
65
30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com