Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

591 Datasheet(PDF) 13 Page - Dialight Corporation

Part # 591
Description  Surface Mount LED Selector Guide
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591 Datasheet(HTML) 13 Page - Dialight Corporation

Back Button 591 Datasheet HTML 8Page - Dialight Corporation 591 Datasheet HTML 9Page - Dialight Corporation 591 Datasheet HTML 10Page - Dialight Corporation 591 Datasheet HTML 11Page - Dialight Corporation 591 Datasheet HTML 12Page - Dialight Corporation 591 Datasheet HTML 13Page - Dialight Corporation 591 Datasheet HTML 14Page - Dialight Corporation 591 Datasheet HTML 15Page - Dialight Corporation 591 Datasheet HTML 16Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.dialight.com
Drawings
PLCC
1206 Single Color (Fig 28)
1206 Bi-Color (Fig 29)
Reverse Mount
591 Single Color Pad Layout (page 3)
.205
[5,21]
.094
[2,39]
.047
[1,19]
.079
[2,01]
COMPONENT SIDE
RECOMMENDED PC BOARD LAND PATTERN
(DIM’S + .004)
Ø .043 + .002
[1.09 + 0.05]
.150
[3.81]
.094
[2.39]
.100
[2.54]
.050
[1.27]
.047
[1.19]
.079
[2.01]
.205
[5.20]
COMPONENT SIDE
RECOMMENDED PC BOARD LAND PATTERN
(DIM’S + .004)
+ 0.10
COMPONENT SIDE
RECOMMENDED PC BOARD LAND PATTERN
(DIM’S + .004)
+ 0.1MM
.177
[4,5]
.059 TYP
[1,5]
.102
[2,59]
.043 TYP
[1,09]
BLUE CATHODE
COMMON ANODE
.177
[4.5]
COMPONENT SIDE
RECOMMENDED PC BOARD LAND PATTERN
(DIM’S + .004)
+ 0.1MM
.059 TYP
[1,5]
RED CATHODE
GREEN CATHODE
.102
[2.6]
.043 TYP
[1.1]
Prism
® Single Color Pad Layouts
.026
(.65)
TYP
CATHODE
MASK
.024
(0.6)
.016
(0.4)
.126
(3.2)
.063
(1.6)
GREEN
CATHODE
ID
.059
(1.5)
MOLDING
BODY (LENS)
P.C.B.
13
.004 TYP
(0.1)
.059
(1.5)
.075
(1.9)
.126
(3.2)
.037
(0.95)
.138
(3.5)
.138
(3.5)
CATHODE
.138
(3.5)
.087
(2.2)
.106
(2.7)
PLCC-2 Single Color (Fig 24)
PLCC-4 Single Color (Fig 25)
PLCC-4 Bi-Color (Fig 26)
PLCC-4 Tri-Color (Fig 27)
.004
.000
.077
.073
.033
(MIN)
.146
.130
.043
.020
.024
.018
.007
.005
CATHODE YELLOW
.124
.120
ANODE YELLOW
.114
.110
.091
.083
CATHODE GREEN
.094
ANODE GREEN
.031
.024
.134
.118
CATHODE BLUE
(InGan)
CATHODE GREEN
(InGan)
CATHODE Ro
(ALLInGan)
PACKAGE MARKING
COMMON
ANODE
.035
.028
.031
.024
.091
.083
.118
.102
.083
.067
.004
.000
.146
.130
.043
.020
.007
.005
.024
.016
.024
(.6)
TYP
.002
(.05)
TYP
.008
(.2)
TYP
CATHODE
MASK
.126
(3.2)
MOLDING
BODY (LENS)
R.020
(0.5)
.063
(1.6)
P.C.B
5°
.094
.102-.118
(2.60-2.99)
.083-.091
(2.11-2.31)
.024-.031
(0.60-0.77)
.118-.134
(3.0-3.4)
.130-.146
(3.31-3.70)
.067-.083
(1.71-2.10)
.004
(0.1)
TYP.
CATHODE
MARK
.028-.035
(.70-0.87)
.005-.007
(.13-0.17)
.020-.043
(.50-1.07)
R.020
(0.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com