Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

575T05CF Datasheet(PDF) 2 Page - CTS Corporation

Part # 575T05CF
Description  Temperature Compensated Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

575T05CF Datasheet(HTML) 2 Page - CTS Corporation

  575T05CF Datasheet HTML 1Page - CTS Corporation 575T05CF Datasheet HTML 2Page - CTS Corporation 575T05CF Datasheet HTML 3Page - CTS Corporation 575T05CF Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Document No. 008-0307-0
Page 2 - 4
Rev. A
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 575
7x5mm Ceramic Package
Clipped Sinewave VCTCXO
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
VCC
-
-0.5
-
7.0
V
Maximum Control Voltage
VC
--0.5
-
VCC
V
Storage Temperature
TSTG
-
-55
-
125
°C
Frequency Range
fO
-10
-
36
MHz
Frequency Stability
∆f/fO
Frequency vs. Temperature
± ppm
Frequency Stability
vs. Supply Voltage
5% change
--
0.2
vs. Load
10% change
--
0.2
vs. Aging
1st year
--
1.0
Pulling Range
-
VC = 1.5V ±1.0V
± ppm
Operating Temperature
Order Code 'H'
-10
60
Order Code 'C'
-20
70
Order Code 'D'
-30
85
Order Code 'I'
-40
85
Supply Voltage
Order Code 'T'
2.66
2.8
2.94
Order Code 'R'
2.85
3.0
3.15
Order Code 'L'
3.14
3.3
3.47
Order Code 'S'
4.75
5.0
5.25
Supply Current
10.00 MHz - 15.00 MHz
-
-
1.5
15.10 MHz - 25.00 MHz
-
-2.0
25.10 MHz - 36.00 MHz
-
-2.5
Output Load
RL // CL
-
Control Voltage
VC
-
0.5
1.5
2.5
V
Output Voltage Levels
VO
Clipped Sinewave
0.8
-
-
Vp-p
VC Input Impedance
ZC
-1.0
-
-
MOhm
Start Up Time
TS
--
-
2
ms
Phase Noise
@100 Hz
-
-110
-
@1 kHz
-
-130
-
@10 kHz
-
-140
-
°C
mA
V
Refer to Ordering
Information
TA
-
Refer to Ordering
Information
25
10 kOhm // 10 pF
-
± ppm
VCC
-
ICC
-
dBc/Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com