Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R172LT6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST10R172LT6
Description  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172LT6 Datasheet(HTML) 5 Page - STMicroelectronics

  ST10R172LT6 Datasheet HTML 1Page - STMicroelectronics ST10R172LT6 Datasheet HTML 2Page - STMicroelectronics ST10R172LT6 Datasheet HTML 3Page - STMicroelectronics ST10R172LT6 Datasheet HTML 4Page - STMicroelectronics ST10R172LT6 Datasheet HTML 5Page - STMicroelectronics ST10R172LT6 Datasheet HTML 6Page - STMicroelectronics ST10R172LT6 Datasheet HTML 7Page - STMicroelectronics ST10R172LT6 Datasheet HTML 8Page - STMicroelectronics ST10R172LT6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
5/68
ST10R172L - PIN DESCRIPTION
P5.10
–P5.15
98-100
1- 3
I
I
5S
5S
6-bit input-only port with Schmitt-Trigger characteristics.
Port 5 pins also serve as timer inputs:
98
I
5S
P5.10
T6EUD
GPT2 Timer T6 Ext.Up/Down
Ctrl.Input
99
I
5S
P5.11
T5EUD
GPT2 Timer T5 Ext.Up/Down
Ctrl.Input
100
I
5S
P5.12
T6IN
GPT2 Timer T6 Count Input
1
I
5S
P5.13
T5IN
GPT2 Timer T5 Count Input
2
I
5S
P5.14
T4EUD
GPT1 Timer T4 Ext.Up/Down
Ctrl.Input
3
I
5S
P5.15
T2EUD
GPT1 Timer T2 Ext.Up/Down
Ctrl.Input
XTAL1
XTAL2
5
I
3T
XTAL1:
Input to the oscillator amplifier and internal clock
generator
6
O
3T
XTAL2:
Output of the oscillator amplifier circuit.
To clock the device from an external source, drive
XTAL1, while leaving XTAL2 unconnected.
Observe minimum and maximum high/low and
rise/fall times specified in the AC Characteristics.
Table 1 Pin definitions
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com