Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10R272L Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST10R272L
Description  16-BIT LOW VOLTAGE ROMLESS MCU WITH MAC
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R272L Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST10R272L Datasheet HTML 55Page - STMicroelectronics ST10R272L Datasheet HTML 56Page - STMicroelectronics ST10R272L Datasheet HTML 57Page - STMicroelectronics ST10R272L Datasheet HTML 58Page - STMicroelectronics ST10R272L Datasheet HTML 59Page - STMicroelectronics ST10R272L Datasheet HTML 60Page - STMicroelectronics ST10R272L Datasheet HTML 61Page - STMicroelectronics ST10R272L Datasheet HTML 62Page - STMicroelectronics ST10R272L Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
59/77
ST10R272L - ELECTRICAL CHARACTERISTICS
16.3.4
Demultiplexed Bus
VDD = 3.3 V ± 0.3 V
VSS = 0 V
TA = -40 to +85 °C
CL = 50 pF
ALE cycle time = 4 TCL + 2
tA + tC + tF (40 ns at 50 MHz CPU clock without waitstates)
Parameter
Symbol
Max CPU Clock 50MHz
Variable CPU Clock
1/2TCL = 1 to 50 MHz
min.
max.
min.
max.
ALE high time
t5
CC
7 +
tA
–
TCL - 3 +
tA
–ns
Address (P1, P4), BHE
setup to ALE
t6
CC
3 +
tA
–
TCL - 7 +
tA
–ns
Address setup to RD, WR
(with RW-delay)
t80
CC
13 +
2tA
–
2TCL - 7 +
2tA –ns
Address setup to RD, WR
(no RW-delay)
t81
CC
3 +
2tA
–
TCL - 7 +
2tA –ns
RD, WR low time
(with RW-delay)
t12
CC
13 +
tC
–
2TCL - 7 +
tC –ns
RD, WR low time
(no RW-delay)
t13
CC
23 +
tC
–
3TCL - 7 +
tC –ns
RD to valid data in
(with RW-delay)
t14
SR
–
5 +
tC
–
2TCL - 15
+
tC
ns
RD to valid data in
(no RW-delay)
t15
SR
–
15 +
tC
–
3TCL - 15
+
tC
ns
ALE low to valid data in
t16
SR
–
15 +
tA + tC –
3TCL - 15
+
tA + tC
ns
Address to valid data in
t17
SR
–
20 + 2
tA +
tC
–
4TCL - 20
+ 2
tA + tC
ns
Data hold after RD
rising edge
t18
SR
0
–
0
–
ns
Data float after RD rising
edge (with RW-delay)1) 2)
t20
SR
–
15
+
tF + 2tA
2
–2TCL - 5
+
tF + 2tA
2
ns
Data float after RD rising
edge (no RW-delay)1 2
t21
SR
–
5 +
tF +
2
tA
2
–TCL - 5
+
tF + 2tA
2
ns
Data valid to WR
t22
CC
13 +
tC
–
2TCL - 7 +
tC –ns
Table 18 Demultiplexed bus
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com