Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

252/97/93B Datasheet(PDF) 1 Page - Multicomp Pro

Part # 252/97/93B
Description  Metric Cable Glands With Locknut and Sealing Washer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

252/97/93B Datasheet(HTML) 1 Page - Multicomp Pro

  252/97/93B Datasheet HTML 1Page - Multicomp Pro 252/97/93B Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
09/06/22
Metric Cable Glands
With Locknut and Sealing Washer
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Black
White
Features
•  Ideal for general use
•  IP66 Protection
•  Halogen free
    These Miniature and Standard Cable Glands give good all-round 
performance and are supplied with Locknuts and Sealing Washers. 
Miniature glands for small cable size and Standard glands for  
standard applications.
Cable Glands Characteristics
Cable Glands Material 
: Polyamide 6.6 (Nylon)
Operating Temperature  : -20°C to +90°C
Max. Panel Thickness 
: 3.5mm
IP Rating 
: IP66
Flammability 
: UL94-V2 (Nylon Material)
Colours 
: Black and White
Seal Material 
: Nitrile Rubber
Cable Glands Specification Table
Type
Colour
Max.
Cable
Diameter
Min.
Cable
Diameter
Projection
Infront of
Panel
Thread
Length
Thread
Size
Metric
Thread
Size
Part Number
Miniature
Black
7
5
21
8
M13 × 1.5
M13
241/69/79B
Standard
10.5
7
25
10
M16 × 1.5
M16
250/92/96-B
13
8
31
11
M20 × 1.5
M20
252/97/93B
7
4
21
8
249/97/93B
10.5
7
25
10
251/97/93B
Miniature
White
7
5
21
8
M13 × 1.5
M13
241/69/79W
Standard
4
M20 × 1.5
M20
249/97/93W
10.5
7
25
10
M16 × 1.5
M16
250/92/96-W
M20 × 1.5
M20
251/97/93W
13
8
31
11
M20 x 1.5
M20
252/97/93W
Dimensions : Millimetres
Locknut
Locknut Dimensions
Metric Thread
Size
Across Flats
Thickness
Material
M13
15
5
Polyamide 6.6
M16
19
6.7
M20
23
8
Dimensions : Millimetres


Similar Part No. - 252/97/93B

ManufacturerPart #DatasheetDescription
logo
Pro-Power
252/97/93B PROPOWER-252/97/93B Datasheet
213Kb / 2P
Metric Cable Glands With Locknut and Sealing Washer
V1.3 13/10/17
More results

Similar Description - 252/97/93B

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0260700000 WEIDMULLER-0260700000 Datasheet
742Kb / 22P
Cable glands
logo
List of Unclassifed Man...
481-0680M-GR ETC2-481-0680M-GR Datasheet
74Kb / 2P
Metric Fan Disc Washer
logo
Richco, Inc.
CG-PG RICHCO-CG-PG Datasheet
79Kb / 1P
CABLE GLANDS - PG TYPE
CG-NPT RICHCO-CG-NPT Datasheet
78Kb / 1P
CABLE GLANDS - NPT TYPE
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
Metal Cable Glands
CG300NPT SAB-CG300NPT Datasheet
166Kb / 1P
Metal Cable Glands
CG300PG SAB-CG300PG Datasheet
168Kb / 1P
Metal Cable Glands
CGEMC-2 SAB-CGEMC-2 Datasheet
192Kb / 1P
EMC Grounding Cable Glands
CGEMC-2PG SAB-CGEMC-2PG Datasheet
233Kb / 1P
EMC Grounding Cable Glands
CGEMC-4 SAB-CGEMC-4 Datasheet
223Kb / 1P
EMC Grounding Cable Glands
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com