Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10C167-Q6 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST10C167-Q6
Description  16-BIT ROMLESS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10C167-Q6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST10C167-Q6 Datasheet HTML 17Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 18Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 19Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 20Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 21Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 22Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 23Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 24Page - STMicroelectronics ST10C167-Q6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
ST10R167
21/63
X - PWM MODULE
The pulse width modulation module can generate
up to four PWM output signals using edge-aligned
or centre-aligned PWM. In addition, the PWM
module can generate PWM burst signals and sin-
gle shot outputs. Table 8 shows the PWM fre-
quencies for different resolutions. The level of the
output signals is selectable and the PWM module
can generate interrupt requests.
Table 8 : PWM unit frequencies and resolution at 25MHz clock
Mode 0
Resoluti on
8-bit
10-bit
12-bit
14-bit
16-bit
CPU Clock/1
40ns
97.66KHz
24.41KHz
6.104KHz
1.526KHz
0.381KHz
CPU Clock/64
2.56ns
1.526KHz
381.5Hz
95.37Hz
23.84Hz
5.96Hz
Mode 1
Resoluti on
8-bit
10-bit
12-bit
14-bit
16-bit
CPU Clock/1
40ns
48.82KHz
12.20KHz
3.05KHz
762.9Hz
190.7Hz
CPU Clock/64
2.56ns
762.9Hz
190.7 Hz
47.68Hz
11.92Hz
2.98Hz
Figure 7 : Block diagram of PWM module
PPx Period Register
Comparator
PTx
16-Bit Up/Down Counter
Shadow Register
PWx Pulse Width Register
Input
Run
Control
Clock 1
Clock 2
Comparator
*
*
*
Up/Down/
Clear Control
Match
Output Control
Match
Write Control
* User read-& writeable
Enable
POUTx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com